Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9680TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9680TR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9680TR Datasheet HTML 11Page - STMicroelectronics L9680TR Datasheet HTML 12Page - STMicroelectronics L9680TR Datasheet HTML 13Page - STMicroelectronics L9680TR Datasheet HTML 14Page - STMicroelectronics L9680TR Datasheet HTML 15Page - STMicroelectronics L9680TR Datasheet HTML 16Page - STMicroelectronics L9680TR Datasheet HTML 17Page - STMicroelectronics L9680TR Datasheet HTML 18Page - STMicroelectronics L9680TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 286 page
background image
DS11615 Rev 7
15/286
L9680
Absolute maximum ratings
285
27
DCS7
DC Sensor interface channel 7
-2
40
V
28
DCS6
DC Sensor interface channel 6
-2
40
V
29
DCS5
DC Sensor interface channel 5
-2
40
V
30
DCS4
DC Sensor interface channel 4
-2
40
V
31
DCS3
DC Sensor interface channel 3
-2
40
V
32
DCS2
DC Sensor interface channel 2
-2
40
V
33
DCS1
DC Sensor interface channel 1
-2
40
V
34
DCS0
DC Sensor interface channel 0
-2
40
V
35
RSU0
PSI-5/WSS ch. 0 remote sensor output
-1
40
V
36
RSU1
PSI-5/WSS ch. 1 remote sensor output
-1
40
V
37
RSU2
PSI-5/WSS ch. 2 remote sensor output
-1
40
V
38
RSU3
PSI-5/WSS ch. 3 remote sensor output
-1
40
V
39
GPOD0
GPO driver 0 drain output pin
-1
40
V
40
GPOS0
GPO driver 0 source output pin
-1
40
V
41
GPOS1
GPO driver 1 source output pin
-1
40
V
42
GPOD1
GPO driver 1 drain output pin
-1
40
V
43
GPOD2
GPO driver 2 drain output pin
-1
40
V
44
GPOS2
GPO driver 2 source output pin
-1
40
V
45
COVRACT
External Crossover Switch Driver
-0.3
40
V
46
VCOREMON
External Regulator Monitor
-0.3
VCC+0.3  6.5
V
47
MCUFAULTB
Active Low MCU Fault Monitoring Input
-0.3
VCC+0.3  6.5
V
48
SATSYNC
Initiate Satellite Sensor Sync Pulse
-0.3
VCC+0.3  6.5
V
49
PSINHB
Active Low Passenger Airbag Inhibit Control
-0.3
VCC+0.3  6.5
V
50
GNDSUB1
Substrate ground / Squib/pyroswitch ground
-0.3
0.3
V
51
SRB
Squib/pyroswitch B low-side pin
-0.3
35
V
52
SFB
Squib/pyroswitch B high-side pin
-1.0
40
V
53
SSAB
Squib/pyroswitch A & B deployment supply pin
-0.3
40
V
54
SFA
Squib/pyroswitch A high-side pin
-1.0
40
V
55
SRA
Squib/pyroswitch A low-side pin
-0.3
35
V
56
SR3
Squib/pyroswitch 3 low-side pin
-0.3
35
V
57
SF3
Squib/pyroswitch 3 high-side pin
-1.0
40
V
58
SS23
Squib/pyroswitch 2 & 3 deployment supply pin
-0.3
40
V
59
SF2
Squib/pyroswitch 2 high-side pin
-1.0
40
V
60
SR2
Squib/pyroswitch 2 low-side pin
-0.3
35
V
61
SR7
Squib/pyroswitch 7 low-side pin
-0.3
35
V
Table 1. Absolute maximum ratings (continued)
Pin#
Pin name
Pin function
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com