Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9680TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9680TR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9680TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9680TR Datasheet HTML 13Page - STMicroelectronics L9680TR Datasheet HTML 14Page - STMicroelectronics L9680TR Datasheet HTML 15Page - STMicroelectronics L9680TR Datasheet HTML 16Page - STMicroelectronics L9680TR Datasheet HTML 17Page - STMicroelectronics L9680TR Datasheet HTML 18Page - STMicroelectronics L9680TR Datasheet HTML 19Page - STMicroelectronics L9680TR Datasheet HTML 20Page - STMicroelectronics L9680TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 286 page
background image
DS11615 Rev 7
17/286
L9680
Absolute maximum ratings
285
96
ARM1
Arming 1 signal (output with internal safing,
input with external safing)
-0.3
VCC+0.3  6.5
V
97
ARM2
Arming 2 signal (output with internal safing,
input with external safing)
-0.3
VCC+0.3  6.5
V
98
ARM3
Arming 3 signal (output with internal safing,
input with external safing)
-0.3
VCC+0.3  6.5
V
99
ARM4
Arming 4 signal (output with internal
safing, input with external safing)
-0.3
VCC+0.3  6.5
V
100
GNDSUB2
Substrate ground / Squib/pyroswitch ground
-0.3
0.3
V
-
Exposed pad
down
Substrate ground / Squib/pyroswitch ground
-0.3
0.3
V
1. VBATMON negative AMR is -18 V or -20 mA.
Table 1. Absolute maximum ratings (continued)
Pin#
Pin name
Pin function
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com