Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA333W Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA333W
Description  2 channel high-efficiency digital audio system Sound Terminal
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA333W_V01 Datasheet HTML 24Page - STMicroelectronics STA333W_V01 Datasheet HTML 25Page - STMicroelectronics STA333W_V01 Datasheet HTML 26Page - STMicroelectronics STA333W_V01 Datasheet HTML 27Page - STMicroelectronics STA333W_V01 Datasheet HTML 28Page - STMicroelectronics STA333W_V01 Datasheet HTML 29Page - STMicroelectronics STA333W_V01 Datasheet HTML 30Page - STMicroelectronics STA333W_V01 Datasheet HTML 31Page - STMicroelectronics STA333W_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Register description
STA333W
28/50
DocID13365 Rev 3
Overcurrent warning detect adjustment bypass
The status bit OCWARN is used to warn of an overcurrent condition. When OCWARN is
asserted (set to 0), the power control block forces an adjustment to the modulation limit
(default -3dB) in an attempt to eliminate the overcurrent warning condition. Once the
overcurrent warning volume adjustment is applied, it remains applied until the device is
reset. The overcurrent limit can be changed via register OLIM (Output limit register (addr
0x34) on page 38).
6.1.4
Configuration register D (addr 0x03)
Zero-detect mute enable
Setting the ZDE bit enables the zero-detect automatic mute. The zero-detect circuit looks at
the data for each processing channel at the output of the crossover (bass management)
filter. If any channel receives 2048 consecutive zero value samples (regardless of fS) then
that individual channel is muted if this function is enabled.
6.1.5
Configuration register E (addr 0x04)
Max power correction variable
Table 23. Overcurrent warning detect adjustment bypass
Bit
R/W
RST
Name
Description
7R/W
1OCRB
0: overcurrent warning adjustment enabled
1: overcurrent warning adjustment disabled
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
ZDE
Reserved
01
00
00
0
0
Table 24. Zero detect mute enable
Bit
R/W
RST
Name
Description
6
R/W
1
ZDE
1: enable the automatic zero-detect mute
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
DCCV
PWMS
AME
NSBW
MPC
MPCV
11
00
00
1
0
Table 25. Max power correction variable
Bit
R/W
RST
Name
Description
0R/W
0MPCV
0: use standard MPC coefficient
1: use MPCC bits for MPC coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com