Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA333W Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA333W
Description  2 channel high-efficiency digital audio system Sound Terminal
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA333W_V01 Datasheet HTML 26Page - STMicroelectronics STA333W_V01 Datasheet HTML 27Page - STMicroelectronics STA333W_V01 Datasheet HTML 28Page - STMicroelectronics STA333W_V01 Datasheet HTML 29Page - STMicroelectronics STA333W_V01 Datasheet HTML 30Page - STMicroelectronics STA333W_V01 Datasheet HTML 31Page - STMicroelectronics STA333W_V01 Datasheet HTML 32Page - STMicroelectronics STA333W_V01 Datasheet HTML 33Page - STMicroelectronics STA333W_V01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Register description
STA333W
30/50
DocID13365 Rev 3
Zero-crossing volume enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital
zero-crossings no clicks will be audible.
Soft volume update enable
6.1.6
Configuration register F (addr 0x05)
Invalid Input detect mute enable
Setting the IDE bit enables this function, which looks at the input I²S data and will
automatically mute if the signals are perceived as invalid.
Binary output mode clock loss detection
Detects loss of input MCLK in binary mode and outputs 50% of the duty cycle.
Table 31. Zero-crossing volume enable
Bit
R/W
RST
Name
Description
6R/W
1ZCE
1: volume adjustments will only occur at digital
zero-crossings
0: volume adjustments will occur immediately
Table 32. Zero-crossing volume enable
Bit
R/W
RST
Name
Description
7R/W
1SVE
1: volume adjustments ramp according to SVR
settings
0: volume adjustments will occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
LDTE
BCLE
IDE
Reserved
01
0
1
1
1
0
0
Table 33. Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2
R/W
1
IDE
1: enables the automatic invalid input detect mute
Table 34. Binary output mode clock loss detection
Bit
R/W
RST
Name
Description
3
R/W
1
BCLE
Binary output mode clock loss detection enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com