Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA339BWS Datasheet(PDF) 78 Page - STMicroelectronics

Part # STA339BWS
Description  2.1-channel 40-watt high-efficiency digital system Sound Terminal
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STA339BWS_V01 Datasheet HTML 71Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 72Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 73Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 74Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 75Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 76Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 77Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 78Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 79Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 78 / 79 page
background image
Revision history
STA339BWS
78/79
DocID015276 Rev 9
11
Revision history
Table 86. Document revision history
Date
Revision
Changes
10-Dec-2008
1
Initial release.
16-Feb-2009
2
Updated names/descriptions for pins 17-20 in Chapter 2 on page 10
Added cross reference to I2S interface setup in Section 3.6: Power
on/off sequence on page 18
Added Figure 4: Power-off sequence for pop-free turn-off on page 18
Updated text and Figure 22: Application diagram on page 71
Updated Section 7.2: PLL filter on page 71
01-Mar-2010
3
Updated presentation
Removed master mute from Section 7.2.5 on page 46
Added Rth j-amb typical value to Table 4 on page 12
Updated Biquad # in Figure 8 on page 19
Updated section Fault detect recovery bypass on page 27
Updated SV naming in Table 42 on page 35
Updated CxBO description in Table 62 on page 50
Updated Biquad # for C12Hx in Table 72 on page 61
Updated text in sections Crossover and biquad #8, Prescale and
Postscale on page 63.
17-Dec-2010
4
“Sound Terminal” now has registered trademark status
Updated test circuit in Figure 3 on page 15
Removed text concerning hard mute in Section 7.2 on page 44
Updated coefficient register addresses towards end of Section
7.13.2 on page 68
Updated applications circuit in Figure 24 on page 74
22-Nov-2011
5
Updated bit D4 to “1” in Section 7.2.1: Mute/line output configuration
register (addr 0x06) on page 45
20-Sep-2012
6
Added Section 4 on page 17
Modified Note:: The read write operation on RAM coefficients works
only if RLCKI (pin29) is switching and stable (ref. Table 8, tLRJT
timing) and PLL must be locked (ref bit D7 reg 0x2D).
Updated Company information appearing on last page of document
24-Oct-2013
7
Modified ILIM and ISCP min. values in Table 7 on page 14
22-Sep-2014
8
Updated power section paragraph in Section 1: Description
Added 1 channel mono-parallel (OCFG = 11) in Section 7.1.6:
Configuration register F (addr 0x05)
Updated Figure 22: Application circuit for 2 or 2.1-channel
configuration and added Figure 23: Application circuit for mono BTL
configuration
24-Jan-2019
9
Updated Table 1: Device summary on the cover page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com