Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA339BWS Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA339BWS
Description  2.1-channel 40-watt high-efficiency digital system Sound Terminal
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA339BWS_V01 Datasheet HTML 11Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 12Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 13Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 14Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 15Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 16Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 17Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 18Page - STMicroelectronics STA339BWS_V01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
DocID015276 Rev 9
15/79
STA339BWS
Electrical specifications
79
Figure 3. Test circuit
tr
tf
OUTxY
VCC
(0.9)*VCC
½VCC
(0.1)*VCC
t
+Vcc
Duty cycle = 50%
INxY
OUTxY
gnd
vdc = Vcc/2
Rload = 8
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com