Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN7004SLHTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN7004SLHTR
Description  High-side driver with CurrentSense analog feedback for automotive seat heating systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004SLHTR Datasheet(HTML) 1 Page - STMicroelectronics

  VN7004SLHTR Datasheet HTML 1Page - STMicroelectronics VN7004SLHTR Datasheet HTML 2Page - STMicroelectronics VN7004SLHTR Datasheet HTML 3Page - STMicroelectronics VN7004SLHTR Datasheet HTML 4Page - STMicroelectronics VN7004SLHTR Datasheet HTML 5Page - STMicroelectronics VN7004SLHTR Datasheet HTML 6Page - STMicroelectronics VN7004SLHTR Datasheet HTML 7Page - STMicroelectronics VN7004SLHTR Datasheet HTML 8Page - STMicroelectronics VN7004SLHTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Octapak
Features
Max transient supply voltage
VCC
40 V
Operating voltage range
VCC
4 to 28 V
Typ. on-state resistance (per Ch)
RON
4 mΩ
Current limitation (typ.)
ILIMH
135 A
Stand-by current (max.)
ISTBY
0.5 µA
•
AEC-Q100 qualified
•
General
–
Single channel smart high-side driver with CurrentSense analog feedback
–
Very low standby current
–
Compatible with 3.0 V and 5 V CMOS outputs
•
Diagnostic functions
–
Overload and short to ground (power limitation) indication
–
Thermal shutdown indication
–
OFF-state open-load detection
–
Output short to VCC detection
•
Protections
–
Undervoltage shutdown
–
Overvoltage clamp
–
Load current limitation
–
Self limiting of fast thermal transients
–
Loss of ground and loss of VCC
–
Configurable latch-off on overtemperature or power limitation
–
Reverse battery
–
Electrostatic discharge protection
Application
Specially intended for Automotive seat heating systems.
Description
The device is a single channel high-side driver manufactured using ST proprietary
VIPower technology and housed in the Octapak package. The device is designed
to drive 12 V automotive grounded loads through a 3 V and 5 V CMOS-compatible
interface, and to provide protection and diagnostics.
The device integrates advanced protective functions such as load current limitation,
overload active management by power limitation and overtemperature shutdown.
A combination of INPUT and FR_DIAG pins latches the output in case of fault,
disables the latch-off functionality and enables OFF-state diagnostic.
Product status link
VN7004SLH
Product summary
Order code
VN7004SLHTR
Package
Octapak
Packing
Tape and reel
High-side driver with CurrentSense analog feedback
for automotive seat heating systems
VN7004SLH
Datasheet
DS13681 - Rev 2 - October 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - VN7004SLHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7004AHTR-E STMICROELECTRONICS-VN7004AHTR-E Datasheet
784Kb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
09-Nov-2016
VN7004CHTR STMICROELECTRONICS-VN7004CHTR Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
09-Nov-2016
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
More results

Similar Description - VN7004SLHTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN7004AH-E STMICROELECTRONICS-VN7004AH-E Datasheet
784Kb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
October 2014 Rev 8
VN7007AH STMICROELECTRONICS-VN7007AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
13-Oct-2015
VN7007ALH STMICROELECTRONICS-VN7007ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback
22-Jun-2015
VND7050AJ12 STMICROELECTRONICS-VND7050AJ12 Datasheet
1Mb / 43P
Double channel high-side driver with CurrentSense analog feedback
September 2015 Rev 3
VN7004CLH STMICROELECTRONICS-VN7004CLH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7003AH STMICROELECTRONICS-VN7003AH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7003ALH STMICROELECTRONICS-VN7003ALH Datasheet
1Mb / 37P
High-side driver with CurrentSense analog feedback for automotive applications
02-Nov-2016
VN7004CH STMICROELECTRONICS-VN7004CH Datasheet
1Mb / 36P
High-side driver with CurrentSense analog feedback for automotive applications
09-Nov-2016
VND7E050AJ STMICROELECTRONICS-VND7E050AJ Datasheet
962Kb / 48P
Double channel high-side driver with CurrentSense analog feedback for automotive applications
15-Nov-2018
VN7E010AJ STMICROELECTRONICS-VN7E010AJ Datasheet
3Mb / 46P
High-side driver with CurrentSense analog feedback for automotive applications
08-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com