Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN7004SLHTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN7004SLHTR
Description  High-side driver with CurrentSense analog feedback for automotive seat heating systems
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7004SLHTR Datasheet(HTML) 3 Page - STMicroelectronics

  VN7004SLHTR Datasheet HTML 1Page - STMicroelectronics VN7004SLHTR Datasheet HTML 2Page - STMicroelectronics VN7004SLHTR Datasheet HTML 3Page - STMicroelectronics VN7004SLHTR Datasheet HTML 4Page - STMicroelectronics VN7004SLHTR Datasheet HTML 5Page - STMicroelectronics VN7004SLHTR Datasheet HTML 6Page - STMicroelectronics VN7004SLHTR Datasheet HTML 7Page - STMicroelectronics VN7004SLHTR Datasheet HTML 8Page - STMicroelectronics VN7004SLHTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Figure 2. Configuration diagram (top view)
GAPG2804161118CFT
1
2
3
4
5
6
7
Tab = V
CC
Table 2. Suggested connections for unused and not connected pins
Connection / pin
CS
N.C.
Output
Input
FR_DIAG
Floating
Not allowed
X (1)
X
X
X
To ground
Through 1 kΩ resistor
X
Not allowed
Through 15 kΩ resistor
Through 15 kΩ resistor
1. X: do not care.
VN7004SLH
Block diagram and pin description
DS13681 - Rev 2
page 3/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com