Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB85RS64T Datasheet(PDF) 18 Page - RAMXEED LIMITED

Part # MB85RS64T
Description  64 K (8 K x 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS64T Datasheet(HTML) 18 Page - RAMXEED LIMITED

Back Button MB85RS64T Datasheet HTML 14Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 15Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 16Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 17Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 18Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 19Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 20Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 21Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 22Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
MB85RS64T
18
DS501-00058-2v0-E
POWER ON/OFF SEQUENCE
If the device does not operate within the specified conditions of read cycle, write cycle or power on/off
sequence, memory data can not be guaranteed.
FeRAM CHARACTERISTICS
*1 : Total number of reading and writing defines the minimum value of endurance, as an FeRAM memory
operates with destructive readout mechanism.
*2 : Minimum values define retention time of the first reading/writing data right after shipment, and the these
values are calculated by qualification results.
NOTE ON USE
We recommend programming of the device after reflow. Data written before reflow cannot be guaranteed.
Parameter
Symbol
Value
Unit
Min
Max
CS level hold time at power OFF
tpd
400
ns
CS level hold time at power ON
tpu
250
s
Power supply rising time
tr
0.05
ms/V
Power supply falling time
tf
0.1
ms/V
Item
Min
Max
Unit
Parameter
Read/Write Endurance*1
1013
Times/byte Operation Ambient Temperature T
A
 
85 C
Total number of reading and writing.
Data Retention*2
40.2
Years
Operation Ambient Temperature TA   85 C
383
Operation Ambient Temperature TA   55 C
CS >VDD
× 0.7 *
tpd
tpu
tr
tf
VIL (Max)
1.0 V
VIH (Min)
VDD(Min)
VDD
CS : don't care
CS >VDD
× 0.7 *
CS
CS
VIL (Max)
1.0 V
VIH (Min)
VDD(Min)
VDD
VSS
VSS
* : CS (Max) < VDD  0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com