Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB85RS64T Datasheet(PDF) 23 Page - RAMXEED LIMITED

Part # MB85RS64T
Description  64 K (8 K x 8) Bit SPI
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS64T Datasheet(HTML) 23 Page - RAMXEED LIMITED

Back Button MB85RS64T Datasheet HTML 19Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 20Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 21Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 22Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 23Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 24Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 25Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 26Page - RAMXEED LIMITED MB85RS64T Datasheet HTML 27Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
MB85RS64T
DS501-00058-2v0-E
23
PACKING INFORMATION
1. Tube
1.1 Tube Dimensions
• Tube/stopper shape
Tube cross-sections and Maximum quantity
Package form
Package code
Maximum quantity
pcs/
tube
pcs/inner
box
pcs/outer
box
SOP, 8, plastic (2) 
Transparent polyethylene terephthalate
FPT-8P-M02
95
7600
30400
(
Dimensions in mm)
(treated to antistatic)
Tube length: 520 mm
(treated to antistatic)
Stopper
Tube
Transparent polyethylene terephthalate
4.4
6.4
7.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com