Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK615N4F8AG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STK615N4F8AG
Description  Automotive N‑channel 40 V, 0.48 mΩ max., 672 A STripFET F8 Power MOSFET in a PowerLeaded 8x8 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK615N4F8AG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STK615N4F8AG Datasheet HTML 2Page - STMicroelectronics STK615N4F8AG Datasheet HTML 3Page - STMicroelectronics STK615N4F8AG Datasheet HTML 4Page - STMicroelectronics STK615N4F8AG Datasheet HTML 5Page - STMicroelectronics STK615N4F8AG Datasheet HTML 6Page - STMicroelectronics STK615N4F8AG Datasheet HTML 7Page - STMicroelectronics STK615N4F8AG Datasheet HTML 8Page - STMicroelectronics STK615N4F8AG Datasheet HTML 9Page - STMicroelectronics STK615N4F8AG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 7. Typical on-resistance vs gate-source voltage
GPDP111020240947VGS
RDS(on)
(mΩ)
VGS (V)
1.6
1.2
0.8
0.4
0.0
0
4
8
12
TJ= 175 °C
TJ= 25 °C
Figure 8. Typical gate charge characteristics
GPDP111020240948QVG
VGS
(V)
Qg (nC)
9
6
3
0
0
30
60
90
120
150
ID = 180 A
32 V
20 V
8 V
Figure 9. Typical capacitance characteristics
GPDP111020240949CVR
10 4
10 3
10 2
10 1
0
10
20
30
40
C
(pF)
VDS (V)
Ciss
Coss
Crss
f = 1 MHz
Figure 10. Avalanche characteristics
GPDP111020240950ACH
IAS
(A)
101
100
10-1
100
101
102
103
104
105
TJ= 25 °C
TJ= 150 °C
TJ= 100 °C
tav(μs)
Figure 11. Avalanche energy
GPDP111020240952EAS
EAS
(mJ)
TJ (°C)
20000
15000
10000
5000
0
25
75
125
175
ID = 22 A
ID = 45 A
ID = 90 A
Figure 12. Typical drain-source on-resistance
GPDP111020240941RID
RDS(on)
(mΩ)
ID (A)
0.4
0.2
0.0
20
40
60
80
100
120
VGS= 10 V
STK615N4F8AG
Electrical characteristics
DS14222 - Rev 5
page 6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com