Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STK615N4F8AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STK615N4F8AG
Description  Automotive N‑channel 40 V, 0.48 mΩ max., 672 A STripFET F8 Power MOSFET in a PowerLeaded 8x8 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK615N4F8AG Datasheet(HTML) 4 Page - STMicroelectronics

  STK615N4F8AG Datasheet HTML 1Page - STMicroelectronics STK615N4F8AG Datasheet HTML 2Page - STMicroelectronics STK615N4F8AG Datasheet HTML 3Page - STMicroelectronics STK615N4F8AG Datasheet HTML 4Page - STMicroelectronics STK615N4F8AG Datasheet HTML 5Page - STMicroelectronics STK615N4F8AG Datasheet HTML 6Page - STMicroelectronics STK615N4F8AG Datasheet HTML 7Page - STMicroelectronics STK615N4F8AG Datasheet HTML 8Page - STMicroelectronics STK615N4F8AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Table 6. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD(1)
Forward on current
(continuous)
TC = 25 °C
-
240
A
VSD
Forward on voltage
ISD = 90 A, VGS = 0 V
-
1.1
V
trr(1)
Reverse recovery time
ID = 90 A, di/dt = 100 A/µs, VDD = 32 V
-
84
ns
Qrr(1)
Reverse recovery charge
-
143
nC
IRRM(1)
Reverse recovery current
-
3.4
A
1. Specified by design and evaluated by characterization, not tested in production.
STK615N4F8AG
Electrical characteristics
DS14222 - Rev 5
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com