Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPS2151 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STMPS2151
Description  Enhanced single channel power switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2151 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STMPS2151 Datasheet HTML 8Page - STMicroelectronics STMPS2151 Datasheet HTML 9Page - STMicroelectronics STMPS2151 Datasheet HTML 10Page - STMicroelectronics STMPS2151 Datasheet HTML 11Page - STMicroelectronics STMPS2151 Datasheet HTML 12Page - STMicroelectronics STMPS2151 Datasheet HTML 13Page - STMicroelectronics STMPS2151 Datasheet HTML 14Page - STMicroelectronics STMPS2151 Datasheet HTML 15Page - STMicroelectronics STMPS2151 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Electrical specification
STMPS2141, STMPS2151, STMPS2161, STMPS2171
12/30
6
Electrical specification
Table 9.
SOT-23-5L electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Rds on
Static drain source
ON state resistance
SOT23-5L package
load = 500 mA
(STMPS2141/
STMPS2151)
load = 1000 mA
(STMPS2161/
STMPS2171)
VI = 2.7 V ; TJ = 25°C;
120
160
m
Ω
VI = 5.0 V ; TJ = 25°C;
90
110
m
Ω
Rds on
Static drain source
ON state resistance
VI = 2.7 V ; -
40 < TJ < 125°C
200
m
Ω
VI = 5.0 V ; -
40 < TJ < 125°C
135
Tr
Output rise time
VI = 5.0 V RL = 10
Ω
CL = 1
μF
0.05
2
mS
Table 10.
MSO8P/SO8 electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Rds on
Static drain source
ON state resistance
SO-8 and MSO8 package
load = 500 mA
(STMPS2141/
STMPS2151)
load = 1000 mA
(STMPS2161/
STMPS2171)
VI = 2.7 V ; TJ = 25°C;
130
170
m
Ω
VI = 5.0 V ; TJ = 25°C;
110
125
m
Ω
Rds on
Static drain source
ON state resistance
VI = 2.7 V ; -
40 < TJ < 125°C
200
m
Ω
VI = 5.0 V ; -
40 < TJ < 125°C
140
Tr
Output rise time
VI = 5.0 V RL = 10
Ω
CL = 1
μF
0.05
2
mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com