Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPS2151 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STMPS2151
Description  Enhanced single channel power switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2151 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STMPS2151 Datasheet HTML 22Page - STMicroelectronics STMPS2151 Datasheet HTML 23Page - STMicroelectronics STMPS2151 Datasheet HTML 24Page - STMicroelectronics STMPS2151 Datasheet HTML 25Page - STMicroelectronics STMPS2151 Datasheet HTML 26Page - STMicroelectronics STMPS2151 Datasheet HTML 27Page - STMicroelectronics STMPS2151 Datasheet HTML 28Page - STMicroelectronics STMPS2151 Datasheet HTML 29Page - STMicroelectronics STMPS2151 Datasheet HTML 30Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Package mechanical data
STMPS2141, STMPS2151, STMPS2161, STMPS2171
28/30
Figure 56.
MSOP8 package outline
1. Drawing not to scale.
Table 20.
MSOP8 package mechanical data
Symbol
millimeters
inches
Min
Typ
Max
Min
Typ
Max
A
−−
1.10
−−
0.043
A1
0.05
−
0.15
0.002
0.004
0.006
A2
0.75
0.85
0.95
0.031
0.034
0.037
b
0.25
−
0.40
0.010
0.013
0.016
c
0.13
−
0.23
0.005
0.007
0.009
D
2.90
3.00
3.10
0.114
0.118
0.122
E
4.65
4.90
5.15
0.187
0.193
0.199
E1
2.90
3.00
3.10
0.114
0.118
0.122
e
−
0.65
−−
0.026
−
L
0.40
0.55
0.70
0.016
0.022
0.028
L1
−
0.95
−−
0.037
K
0°
−
6°
0°
−
6°
ccc
0.10
0.004
POA 7113595
1
8
ccc
c
L
E
E1
D
A2
A
k
e
b
4
5
A1
L1
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com