Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5965 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5965_V01 Datasheet HTML 3Page - STMicroelectronics L5965_V01 Datasheet HTML 4Page - STMicroelectronics L5965_V01 Datasheet HTML 5Page - STMicroelectronics L5965_V01 Datasheet HTML 6Page - STMicroelectronics L5965_V01 Datasheet HTML 7Page - STMicroelectronics L5965_V01 Datasheet HTML 8Page - STMicroelectronics L5965_V01 Datasheet HTML 9Page - STMicroelectronics L5965_V01 Datasheet HTML 10Page - STMicroelectronics L5965_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
Pin name
Absolute maximum rating
Operating voltage
Min
Max
Unit
Min
Max
Unit
VREG3_S
-0.3
4.6
V
-0.5
3.6
V
PGND3
-0.3
0.3
V
-0.3
0.3
V
VIN4
-0.3
6.5
V
-0.3
5.5
V
BST4
PH4-0.3
PH4+4.6
V
PH4-0.3
PH4+3.6
V
PH4
-1
6.5
V
-1
5.5
V
VREG4_S
-0.3
4.6
V
-0.5
3.6
V
PGND4
-0.3
0.3
V
-0.3
0.3
V
PH5
-0.3
9
V
-0.3
8
V
VBOOST_S
-0.3
13
V
-0.3
7.5
V
PGND5
-0.3
0.3
V
-0.3
0.3
V
Debug
-0.3
42
V
-0.3
20
V
COMP1
-0.3
4.6
V
-0.3
3.6
V
COMP2
-0.3
4.6
V
-0.3
3.6
V
3.2
Thermal data
3.2.1
Thermal resistance
Table 3. Operation junction temperature
Symbol
Parameter
Board
Value unit
Unit
Rth j-a-2s
Thermal resistance junction-to-ambient
2s
66
°C/W
Rth j-a-2s2p
2s2p
32
°C/W
Rth j-a-2s2pv
2s2p+vias
26
°C/W
Rth j-case
Thermal resistance junction-to-case
2.2
°C/W
3.2.2
Thermal warning and protection
Table 4. Temperature thresholds
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
TSD_TH
Thermal Shutdown
–
160
175
190
°C
TSD_hys
Hysteresis
0.5
4
8
°C
TOT_THx (x=1-7)
Over temperature warning
–
140
155
170
°C
TOT_hysx (x=1-7)
Hysteresis
3
7
11
°C
TSD_filter
Thermal Filter time
–
–
16
–
µs
Tj
Junction temperature
Tj
-40
150
°C
Tstg
Storage temperature
Tstg
150
°C
According to the below formula and considering TSD_TH thermal shutdown minimum threshold at 160 °C, the
maximum suggested power dissipation is:
PDISS_suggested = (TSHD -TAMB) / RTHJ-A
L5965
Thermal data
DS12567 - Rev 3
page 7/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com