Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5965 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L5965
Description  Power management for automotive vision and radar systems
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5965 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L5965_V01 Datasheet HTML 25Page - STMicroelectronics L5965_V01 Datasheet HTML 26Page - STMicroelectronics L5965_V01 Datasheet HTML 27Page - STMicroelectronics L5965_V01 Datasheet HTML 28Page - STMicroelectronics L5965_V01 Datasheet HTML 29Page - STMicroelectronics L5965_V01 Datasheet HTML 30Page - STMicroelectronics L5965_V01 Datasheet HTML 31Page - STMicroelectronics L5965_V01 Datasheet HTML 32Page - STMicroelectronics L5965_V01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
4.2.14
Under-Voltage, Over-Voltage and Power-Good
All regulators are monitored and Power-Good, Over-Voltage and Under-Voltage information is provided through
SPI.
One SPI bit allows to select between two threshold options:
•
UV/PG/OV of 91%, 95%, 108%
•
UV/PG/OV of 86%, 90%, 113%
Over-voltage and Power-Good are checked when the signal is rising, the Under-Voltage is valid when the signal is
falling.
The next figure shows the relationships among these monitors.
Figure 18. Output voltage and monitors
V
V
V
V
V
V
V
V
V
V
V
V
OV
PG
GADG0407181523PS
PG with Hysteresis
UV with Hysteresis
OV with Hysteresis
Under-Voltage
Power-Good
Over-Voltage
TYP
PG min
PG typ+ hyst
PG max
VOUT (100%)
OV min
OV typ + hyst
OV max
UV min
UV typ + hyst
UV max
UV min
UV typ
UV max
UV
th
Vth
th
th
V
V
V PG min
PG typ
PG max
th
Vth
th
th
th
th
th
th
th
th
th
V
V
V OV min
OV typ
OV max
th
th
th
th
th
th
th
4.2.15
Temperature control and VBATx voltage through internal ADC
In order to provide an advanced on-chip temperature control, power outputs are grouped in 7 clusters with
dedicated thermal sensors. The sensors are suitably located on the device. TH1 is associated to the internal
VREF, TH2 to Buck1, TH3 to Buck2, TH4 to Buck3, TH5 to Buck4 and the Boost, TH6 to the LDO, TH7 to the
center of the die. In case the temperature of a cluster reaches the thermal shutdown threshold, the event is
written in the register, the fault pin is activated, and the single regulator is switched off (all other outputs remain
active). In particular, what is described below takes place.
Thermal Cluster TH1: in case the temperature of TH1 reaches the thermal shutdown threshold, the device moves
to REC mode. The corresponding SPI bit is set and the FAULT pin is asserted.
Thermal Clusters TH2, TH3, TH4, TH5, TH6: in case the temperature reaches the thermal shutdown threshold,
the corresponding regulator, is shut down. The power stage is switched OFF with a 16 μs filter time. The output
decreases and, when the UV is detected, the buck goes in REC state and can be restarted only when the OT flag
is reset. The corresponding SPI bit is set and the FAULT pin is asserted. In case the thermal shutdown condition
is suspended before the UV is detected, the regulator output turns on again. When the regulator is disabled by
OTP, in case the temperature of that cluster reaches the thermal shutdown threshold, the corresponding SPI bit is
set and the FAULT pin is asserted.
Thermal Cluster TH7: in case the temperature of TH7 reaches the thermal shutdown threshold, the corresponding
SPI bit is set and the FAULT pin is asserted.
L5965
Voltage regulators and features description
DS12567 - Rev 3
page 29/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com