Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9026 Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 52Page - STMicroelectronics L9026 Datasheet HTML 53Page - STMicroelectronics L9026 Datasheet HTML 54Page - STMicroelectronics L9026 Datasheet HTML 55Page - STMicroelectronics L9026 Datasheet HTML 56Page - STMicroelectronics L9026 Datasheet HTML 57Page - STMicroelectronics L9026 Datasheet HTML 58Page - STMicroelectronics L9026 Datasheet HTML 59Page - STMicroelectronics L9026 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 60 page
background image
Contents
1
Block diagram .....................................................................2
2
Application circuit .................................................................3
3
Pins description ...................................................................5
4
Product characteristics ............................................................9
4.1
Absolute maximum ratings....................................................... 9
4.2
Latchup trials .................................................................. 9
4.3
Temperature range ............................................................ 10
5
Input/Output ......................................................................11
5.1
Parallel inputs (IN0, IN1) ....................................................... 11
5.2
Idle pin (IDLE) ................................................................ 11
5.3
Reset pin (NRES, only in VFQFPN32 package option) .............................. 11
5.4
Enable (DIS, only in VFQFPN32 package option) .................................. 11
5.5
SPI communications (NCS, CLK, SI & SO) ........................................ 11
5.6
Input / output electrical specifications ............................................. 12
6
Power supply .....................................................................13
6.1
Overview .................................................................... 13
6.2
Battery supply (VBATT) ........................................................ 13
6.3
Operating modes.............................................................. 14
6.4
Analog & Digital supply (VBATT)................................................. 16
6.5
I/O Supply (VDDIO) ........................................................... 16
6.6
Power up .................................................................... 16
6.7
Sleep mode .................................................................. 17
6.8
Idle mode .................................................................... 17
6.9
Active mode .................................................................. 17
6.10
Limp Home mode ............................................................. 18
6.11
Power supply transition ........................................................ 18
6.12
Reset ....................................................................... 19
6.13
Power supply electrical specifications ............................................ 19
7
Power stages .....................................................................21
7.1
Operating modes.............................................................. 21
7.1.1
Switching resistive modes ................................................. 21
7.1.2
Inductive output clamp ................................................... 22
7.1.3
Maximum load inductance................................................. 22
7.2
Inverse current behavior........................................................ 23
L9026
Contents
DS13397 - Rev 9
page 56/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com