Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9026 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 11Page - STMicroelectronics L9026 Datasheet HTML 12Page - STMicroelectronics L9026 Datasheet HTML 13Page - STMicroelectronics L9026 Datasheet HTML 14Page - STMicroelectronics L9026 Datasheet HTML 15Page - STMicroelectronics L9026 Datasheet HTML 16Page - STMicroelectronics L9026 Datasheet HTML 17Page - STMicroelectronics L9026 Datasheet HTML 18Page - STMicroelectronics L9026 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
Figure 6. State diagram
Limp home mode
Sleep mode
Active mode
Idle mode
Idle="low"
INn="low
" *
*
The state transition Active to Sleep will happen only if no channel is active
Idle="high"& INn="high"
Idle="low" & INn="high"
Idle="low"
Idle="low" & INn="high"
Idle="low"
Idle="high"
CFG_1.ACT=0 & PWM_SPI.OUTn=0 &
(PWM_MAPn=0 or
selected internal PWM=0)
&(MAP_INn.OUTn=0 or INn="low"
)
CFG_1.ACT=1 or
PWM_SPI.OUTn=1 or
(PWM_MAPn=1 &
selected internal PWM=1)
or (MAP_INn.OUTn=1 & INn="high")
Active
The active mode is the default operation for the switching on of the loads. If L9026 is not in active mode and it
happens a request to switch on outputs through SPI or Input pins, the device enters in active mode or limp home
mode, Based on the state of the IDLE pin. The turn on time tON increases due to the transitions latency.
Table 10. Functions availability in different supply conditions shows the links among the device operation modes,
the channels operability, SPI communications, registers and supply voltages.
L9026
Power supply
DS13397 - Rev 9
page 15/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com