Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9348 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9348
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9348 Datasheet(HTML) 5 Page - STMicroelectronics

  L9348 Datasheet HTML 1Page - STMicroelectronics L9348 Datasheet HTML 2Page - STMicroelectronics L9348 Datasheet HTML 3Page - STMicroelectronics L9348 Datasheet HTML 4Page - STMicroelectronics L9348 Datasheet HTML 5Page - STMicroelectronics L9348 Datasheet HTML 6Page - STMicroelectronics L9348 Datasheet HTML 7Page - STMicroelectronics L9348 Datasheet HTML 8Page - STMicroelectronics L9348 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5/13
L9348
(1).See chapter 2.0 Timing Diagrams; resistive load condition; VS  9V
(2).This parameter will not be tested but assured by design
(3).Wafer-measurement
(4).Measured on P-SO36 devices
(5).Short circuit between two digital outputs (one in high the other in low state) will lead to the defined result "LOW"
IQlk
Output leakage current
VENA = L,Tj = 25°C
1
A
Tj = 125°C
5
A
VFD3/4
Forward voltage of
free wheeling diodes D3, D4
ID3/4 = -1.5A
0.5
1.75
V
RPD0
Gate pull down resistor for
nonsupplied VS
VS  0V,
VD3/4  6.5V
0.3
3
k
Timings
tON
Output ON delay time
IQ = 1A
1)
05
20
s
tf
Output ON fall time
IQ = 1A
1)
0.5
1.5
8
s
tOFF
Output OFF delay time
IQ = 1A
1)
010
30
s
tr
Output OFF rise time
IQ = 1A
1)
0.5
1.5
5
s
tDSO
Overload switch-OFF delay time
6
30
65
s
tD
Output OFF status delay time
0.75
1.5
2.25
ms
tfilter
error detection filter time
2)
5.8
35
s
tOLOFF
OLOFF error detection filter time
20
70
s
Digital Inputs (IN1 to IN4, ENA)
VIL
Input low voltage
-1.5
1
V
VIH
Input high voltage
2
6
V
VIHy
Input voltage hysteresis
2)
50
100
mV
IIN
Input pull down current
VIN = 5V, VS  6.5V
820
40
A
Digital Outputs (ST1 to ST4)
VSTL
Status output voltage in low state
5)
IST  40A
00.4
V
VSTH
Status output voltage in high state
5)
IST  -40A
2.5
3.45
V
IST  -120A
23.45
V
RDIAGL
ROUT + RDSON in low state
0.3
0.64
1.5
k
RDIAGH
ROUT + RDSON in high state
1.5
3.2
7
k
Table 5. Electrical Characteristcs
The electrical characteristics are valid within the operating range (Table 4), unless otherwise specified
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com