Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9348 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9348
Description  QUAD LOW SIDE DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9348 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9348 Datasheet HTML 3Page - STMicroelectronics L9348 Datasheet HTML 4Page - STMicroelectronics L9348 Datasheet HTML 5Page - STMicroelectronics L9348 Datasheet HTML 6Page - STMicroelectronics L9348 Datasheet HTML 7Page - STMicroelectronics L9348 Datasheet HTML 8Page - STMicroelectronics L9348 Datasheet HTML 9Page - STMicroelectronics L9348 Datasheet HTML 10Page - STMicroelectronics L9348 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
L9348
1.7
Diagnostic Output at Pulse Width Operation (PWM)
If an input is operated with a pulsed signal (f
tD = 667 Hz typ.), the status does not follow each single pulse.
An internal delay tD of typ. 1.5ms leads to a continuous status output signal (see Figure 4 in chapter 2.0 Timing
Diagrams).
1.8
Diagnostic Table
In general the diagnostic follows the input signal in normal operating conditions. If any error is detected the di-
agnostic is inverted.
Open load
(under current detection)
X
18
s
internal timer (1.5ms typ.)
Overtemperature
X
18
s
ENA or INx = “LOW”
for t
1.5ms (typ.)
Power-GND-loss
X
X
18
s
ENA or INx = “LOW”
for t
1.5ms (typ.)
Signal-GND-loss
X
X
18
s
ENA or INx = “LOW”
for t
1.5ms (typ.)
Output voltage clamp active
(Q3/4 only)
X
-
internal timer (1.5ms typ.)
Table 7.
Operating Condition
Enable
Input
ENA
Control
Input
IN
Power
Output
Q
Status
Output
ST
Normal function
L
L
H
H
L
H/PWM
L
H/PWM
OFF
OFF
OFF
ON
L
L
L
H
Open load or short to ground
L
L
H
H
L
H/PWM
L
H/PWM
OFF
OFF
OFF
ON
X
X
H
L
Overload or short to supply
Latched overload
Reset latch
H
H
H –> L
H
H/PWM
H/PWM
X
H/PWM –> L
OFF
OFF
OFF
OFF
L
L
L
L
Overtemperature
Latched overtemperature
Reset latch
H
H
H –> L
H
H/PWM
H/PWM
X
H/PWM –> L
OFF
OFF
OFF
OFF
L
L
L
L
Table 6.
ON State
ENA = HIGH,
IN = HIGH
OFF State
ENA = HIGH,
IN = LOW
typ. Filter
time
Reset done by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com