Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9613 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9613
Description  Data interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9613_V01 Datasheet HTML 4Page - STMicroelectronics L9613_V01 Datasheet HTML 5Page - STMicroelectronics L9613_V01 Datasheet HTML 6Page - STMicroelectronics L9613_V01 Datasheet HTML 7Page - STMicroelectronics L9613_V01 Datasheet HTML 8Page - STMicroelectronics L9613_V01 Datasheet HTML 9Page - STMicroelectronics L9613_V01 Datasheet HTML 10Page - STMicroelectronics L9613_V01 Datasheet HTML 11Page - STMicroelectronics L9613_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Functional description
L9613
8/15
Figure 3.
Application circuit
Figure 4.
Output characteristics at K, LO, RX
40V
R
KO
uP
I/O
I/O
I/O
5V
VCC
VDD
ECU1
ECU2
K
L
LI
K
VS
TX
RX
LO
GND
LI
VS
VCC
K
510
Ω
Diagnostic
Tester
CK
0.4
Ω
CK
1,75V
RTX
RLO
RRX
ILI
IK
OFF
IK SC
TjMON
-
+
-
+
I
MIN
OU T
V OU T
0.8V
pr ot ec ti on d i od e
I OU T
I
OU T
D S O N
R
*
V
OUT
=
+ U BE
I OU T
D S O N
R
2
**
V OUT =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com