Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9613 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9613
Description  Data interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613 Datasheet(HTML) 1 Page - STMicroelectronics

  L9613_V01 Datasheet HTML 1Page - STMicroelectronics L9613_V01 Datasheet HTML 2Page - STMicroelectronics L9613_V01 Datasheet HTML 3Page - STMicroelectronics L9613_V01 Datasheet HTML 4Page - STMicroelectronics L9613_V01 Datasheet HTML 5Page - STMicroelectronics L9613_V01 Datasheet HTML 6Page - STMicroelectronics L9613_V01 Datasheet HTML 7Page - STMicroelectronics L9613_V01 Datasheet HTML 8Page - STMicroelectronics L9613_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2013
Rev 3
1/15
15
L9613
Data interface
Features
■ Operating power supply voltage range
4.8V
 V
S  36V (40V for transients)
■ Reverse supply (battery) protected down to
VS  -24V
■ Standby mode with very low current
consumption ISSB  1mA @ VCC  0.5V
■ Min. possible Baud rate according to ISO9141
 130 kBaud
■ Low quiescent current in off condition ISOFF =
120µA
■ TTL compatible TX input
■ Bidirectional K-I/O pin with supply voltage
dependent input threshold
■ Over temperature shut down function selective
to K-I/O pin
■ Wide input and output voltage range:
-24V
 V
K  VS
■ K output current limitation, typ. IK = 60mA
■ Defined OFF output status in under voltage
condition and VS or GND interruption
■ Controlled output slope for low EMI
■ High input impedance for open VS or GND
connection
■ Defined output ON status of LO or RX for open
LI or K inputs
■ Defined K output OFF for TX input open
■ Integrated pull up resistors for TX, RX and LO
■ EMI robustness optimized
Description
The L9613 is a monolithic integrated circuit
containing standard ISO 9141 compatible
interface functions.
SO8
Table 1.
Device summary
Order code
Package
Packing
L9613B
SO8
Tube
L9613B013TR
SO8
Tape and reel
www.st.com


Similar Part No. - L9613_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9613B STMICROELECTRONICS-L9613B Datasheet
70Kb / 10P
DATA INTERFACE
Nov-1999
L9613B013TR STMICROELECTRONICS-L9613B013TR Datasheet
70Kb / 10P
DATA INTERFACE
Nov-1999
More results

Similar Description - L9613_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9613B STMICROELECTRONICS-L9613B Datasheet
70Kb / 10P
DATA INTERFACE
Nov-1999
logo
fujitsu semiconductor
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
PARALLEL DATA I/O INTERFACE
logo
Motorola, Inc
MC145428 MOTOROLA-MC145428 Datasheet
44Kb / 1P
DATA SET INTERFACE
logo
Texas Instruments
TLC34075A TI1-TLC34075A Datasheet
321Kb / 53P
Video Interface Palette Data Manual
logo
GSI Technology
GS8662Q10BGD-357I GSI-GS8662Q10BGD-357I Datasheet
502Kb / 28P
Dual Double Data Rate interface
GS8662DT20BGD-500I GSI-GS8662DT20BGD-500I Datasheet
556Kb / 33P
Dual Double Data Rate interface
GS81302D38GE-350 GSI-GS81302D38GE-350 Datasheet
515Kb / 31P
Dual Double Data Rate interface
GS81302DT07GE-400 GSI-GS81302DT07GE-400 Datasheet
513Kb / 30P
Dual Double Data Rate interface
logo
WAGO Kontakttechnik Gmb...
750-654 WAGO-750-654 Datasheet
476Kb / 12P
Serial Data Exchange Interface
logo
Pepperl+Fuchs Inc.
VAA-4E4A-KE2-DK PF-VAA-4E4A-KE2-DK Datasheet
266Kb / 2P
AS-Interface data coupler
2020-02-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com