Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72PXPTR Datasheet(PDF) 80 Page - STMicroelectronics

Part # L99PM72PXPTR
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXPTR Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L99PM72PXPTR Datasheet HTML 76Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 77Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 78Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 79Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 80Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 81Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 82Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 83Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
ST SPI
L99PM72PXP
80/128
Doc ID 023553 Rev 3
OC0, OC1: operating code (00 for ‘write’ mode)
A0 to A5: address bits
An attempt to write 00H at RAM address 00H is recognized as a failure (SDI stuck to GND).
The device enters a Fail-Safe state.
6.1.7
Format of data shifted out at SDO during Write cycle
Failures are indicated by activating the corresponding bit of the <Global Status> register.
The returned data byte(s) represent(s) the previous content of the accessed register
Table 50.
Write command format: data byte 1
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Table 51.
Write command format: data byte 2
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
Table 52.
Format of data shifted out at SDO during write cycle: global status
register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Global error
flag (GEF)
Communication
error
Not (chip reset
or comm error)
TSD2
TSD1
V1 Fail
VS Fail
(OV/UV)
Fail
safe
Table 53.
Format of data shifted out at SDO during write cycle: data byte 1
MSB
Previous content of addressed register
LSB
D15
D14
D13
D12
D11
D10
D9
D8
Table 54.
Format of data shifted out at SDO during write cycle: data byte 2
MSB
Previous content of addressed register
LSB
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com