Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99PM72PXPTR Datasheet(PDF) 99 Page - STMicroelectronics

Part # L99PM72PXPTR
Description  Advanced power management system IC with embedded LIN and high speed CAN transceiver supporting CAN Partial Networking
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99PM72PXPTR Datasheet(HTML) 99 Page - STMicroelectronics

Back Button L99PM72PXPTR Datasheet HTML 95Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 96Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 97Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 98Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 99Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 100Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 101Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 102Page - STMicroelectronics L99PM72PXPTR Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 128 page
background image
L99PM72PXP
ST SPI
Doc ID 023553 Rev 3
99/128
10
LS_OV/UV
shutdown_en
Shutdown of low-side drivers in case of overvoltage/undervoltage
0
No shutdown of low-sides in case of
overvoltage/undervoltage
1
Shutdown low-sides in case of
overvoltage/undervoltage
9
V1Reset_level_1
Select reset level
8
V1Reset_level_2
V1Reset_level_
2
V1Reset_level_1
V1 reset level
00
4.6 V
0
1
4.35 V
10
4.1 V
11
3.8 V
7
LIN_PU_EN
Enable internal LIN pull up
0
No LIN master pull-up
1
LIN master pull-up
6
Reserved
Must be kept at default
5
Lin_TxD_Tout_En Enable / disable monitoring via TxD
0
No TxD monitoring
1
TxD monitoring; LIN transmitter is switched off if
TXDL is dominant for t > 12 ms
4
CAN_ACT
Activate CAN transceiver
Controls the CAN transceiver mode transition between 'CAN Trx Standby'
Mode and 'Trx Normal' mode.
The bit CAN_ACT is automatically reset to '0' when the device enters
V1_standby Mode or VBat_standby Mode.
0
CAN Trx Standby Mode
1
Trx Normal Mode
See Section 2.9.1 for details.
Table 88.
Control register 4, bits (continued)
Bit
Name
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com