Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99SD01-E Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99SD01-E
Description  Integrated solenoid driver for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99SD01-E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99SD01-E Datasheet HTML 16Page - STMicroelectronics L99SD01-E Datasheet HTML 17Page - STMicroelectronics L99SD01-E Datasheet HTML 18Page - STMicroelectronics L99SD01-E Datasheet HTML 19Page - STMicroelectronics L99SD01-E Datasheet HTML 20Page - STMicroelectronics L99SD01-E Datasheet HTML 21Page - STMicroelectronics L99SD01-E Datasheet HTML 22Page - STMicroelectronics L99SD01-E Datasheet HTML 23Page - STMicroelectronics L99SD01-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
I2C protocol description
L99SD01-E
20/46
DocID022573 Rev 5
Figure 15. The first byte after the START procedure
4.7
Write operation
WRITE command in L99SD01-E is used to store data into volatile memory.
Master initiates a START condition (S) and then sends the first byte which is the slave
address followed by the R/W= ‘0’. If L99SD01-E recognizes its address then it generates an
ACK signal.
Each L99SD01-E has a different slave address. The first four bits of the address are the
device type identifier and do not change for all L99SD01-E devices. The following three bits
are used to address till 8 different L99SD01-E on the same bus.
Second byte sent by master in write mode is the register address where data must be
written. After Acknowledge from slave, master starts to send the data, which can be one or
more bytes. Eight different registers may be written in L99SD01-E. If more than eight data
bytes are sent by the master, roll-over occurs.
The transfer finishes when master sends a STOP condition (P).
After the successful completion of write operations, the device internal address counter is
incremented automatically, to point to the next byte address after the last one that was
modified.
Figure 16. WRITE command
0
0
MSB
LSB
R/W
11
E2
E1
E0
slave address
S
SLAVE ADDRESS
R/W
A
REGISTER ADDRESS
A
DATA
DATA
A
A/A
P
From master to slave
From slave to master
A = acknowledge (SDA LOW)
A = not acknowledge (SDA HIGH)
S = START condition
P = STOP condition
‘0’ (write)
Example: write 119 value in register Ipeak for L99SD01-E with enable chip = 3
S
0 1 0 1 0 1 1
0
A
1 0 1 0 0 0 0 0
A
A/A
P
0 1 1 1 0 1 1 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com