Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99SD01-E Datasheet(PDF) 39 Page - STMicroelectronics

Part # L99SD01-E
Description  Integrated solenoid driver for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99SD01-E Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L99SD01-E Datasheet HTML 35Page - STMicroelectronics L99SD01-E Datasheet HTML 36Page - STMicroelectronics L99SD01-E Datasheet HTML 37Page - STMicroelectronics L99SD01-E Datasheet HTML 38Page - STMicroelectronics L99SD01-E Datasheet HTML 39Page - STMicroelectronics L99SD01-E Datasheet HTML 40Page - STMicroelectronics L99SD01-E Datasheet HTML 41Page - STMicroelectronics L99SD01-E Datasheet HTML 42Page - STMicroelectronics L99SD01-E Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
DocID022573 Rev 5
39/46
L99SD01-E
Application schematic
45
8
Application schematic
Figure 21. Application schematic
REC
REC
REC
REC
PGND
PGND
PGND
PGND
SGND
BATT
CPUMP1
CPUMP2
CTANK
VDDL
C3V3
SGND
E0
E1
E2
SGND
MAINT_IPK
CLAMP_FLAG
CHECK_SIGNAL
IN_SIGNAL
FAULT
ENABLE
SYNC_INJ
PWM
SCL
SDA
Module Battery
4.7nF
4.7nF
100nF
xxuF
xxuF
SGND/VDDL
SGND/VDDL
SGND/VDDL
5V
5V 5V 5V
5V
10uF
To mC
Gas Injector
TEST
TEST_OUT3
TEST_OUT2
TEST_OUT1
OTP_15V
OTP_0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com