Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99VR02J Datasheet(PDF) 20 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L99VR02J_V01 Datasheet HTML 16Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 17Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 18Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 19Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 20Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 21Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 22Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 23Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Open pin (no resistance on the Ishort pin), is seen as a max resistance corresponding to the maximum Ishort
current.
4.3
Output voltage selection
The L99VR02J can provide one out of eight different output voltages. The combination of three digital input
selectors (SELx) determines the output voltage according to the following Table 12.
Table 12. Truth table
VO
SEL1
SEL2
SEL3
5
1
1
1
3.3
1
1
0
2.8
1
0
1
2.5
1
0
0
1.8
0
1
1
1.5
0
1
0
1.2
0
0
1
0.8 (default)
0
0
0
The SELx pins configuration is acquired at the device startup (EN transition from low to high) and once
configuration is acknowledged. It cannot be changed until the next EN transition.
When all the pins are left not connected, the default configuration is selected.
Figure 35. Example of output voltage selection
Vs
EN
Ishort
RST
SEL1
Vcw
Wi
GND
Ctw
Rsh
Vo =2.5V
SEL2
TW
Vbat
SEL3
Vs
Vo
SELx pins are internally connected to GND via the pull-down current source.
L99VR02J
Output voltage selection
DS14076 - Rev 1
page 20/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com