Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99VR02J Datasheet(PDF) 4 Page - STMicroelectronics

Part # L99VR02J
Description  Automotive linear voltage regulator with configurable output voltage having 500 mA current capability
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99VR02J Datasheet(HTML) 4 Page - STMicroelectronics

  L99VR02J_V01 Datasheet HTML 1Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 2Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 3Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 4Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 5Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 6Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 7Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 8Page - STMicroelectronics L99VR02J_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
Table 1. Pins description
Pin name
PowerSSO-12 pin
Function
VS
1
Supply voltage.
Block directly to the ground with ceramic capacitor ≥ 4.7 µF and a 100 nF
capacitator as close as possible to the pin
SEL1
2
Output voltage selectors.
SEL2
3
SEL3
4
TW
5
Advanced thermal warning output.
If the device detects a junction temperature above the warning threshold, the pin is
pulled low. If an overvoltage condition occurs, a square wave is provided through
the TW output. Leave floating if not used.
IShort
6
Programmable short circuit output current input pin. A resistor between Ishort pin
and GND sets the short circuit output current value.
EN
7
Enable input:
•
With the enable high: Regulator, watchdog, and reset are operating
•
With the enable low: Regulator, watchdog, and reset are shutdown, while the
fast discharge circuit is turned on
Connect the enable to VS to keep the device always enabled
GND
8
Ground reference.
VCW
9
Watchdog timer adjusts.
A capacitor between VCW pin and GND sets the time response of the watchdog
monitor.
Wi
10
Watchdog refresh input.
If the square wave frequency at this input pin is too low, a low pulse at an RST pin
is generated.
RST
11
Reset output.
It is pulled down when the output voltage goes below Vo_th or the frequency at Wi
is too low. Leave floating if not used.
VO
12
Voltage regulator output.
Block to ground with a capacitor ≥ 3.3 µF (needed for regulator stability).
TAB
TAB
Connected to ground
Figure 2. Pins configuration
PowerSSO-12
L99VR02J
Block diagram and pins description
DS14076 - Rev 1
page 4/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com