Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D5D20F Datasheet(PDF) 47 Page - STMicroelectronics

Part # VN9D5D20F
Description  4 channel high-side driver with 24-bit SPI interface for automotive applications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20F Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VN9D5D20F Datasheet HTML 43Page - STMicroelectronics VN9D5D20F Datasheet HTML 44Page - STMicroelectronics VN9D5D20F Datasheet HTML 45Page - STMicroelectronics VN9D5D20F Datasheet HTML 46Page - STMicroelectronics VN9D5D20F Datasheet HTML 47Page - STMicroelectronics VN9D5D20F Datasheet HTML 48Page - STMicroelectronics VN9D5D20F Datasheet HTML 49Page - STMicroelectronics VN9D5D20F Datasheet HTML 50Page - STMicroelectronics VN9D5D20F Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 96 page
background image
Figure 19. Minimum ON time for digital current sense availability
Channelx
Outputx
Conv_wdwx
tON_CS(min)
GADG311020171223MT
The sequence of channels to be converted is managed through an internal stack:
•
Stack size is equal to the number of channels plus frame temperature sensor
•
A conversion of the selected channel is done based on the information stored at the end of the stack (see
Figure 20. Channel's sequence internal stack)
•
After the reset of the device or when no channels are active, the conversion of the frame temperature
sensor is done continuously
•
When the conversion of a channel_x has to start, the channel_x is moved to the end of the stack while the
other remaining channels are moved up
Figure 20. Channel's sequence internal stack
0
1
2
3
4
5
T
0
1
2
4
3
5
T
0
1
2
4
5
T
3
0
1
2
4
T
3
5
0
1
2
4
5
T
3
0
1
2
4
T
3
5
Elaboration of new stack
based on the conversion
request and priority
management
Conv_ch3
NEXT_STACK = STACK
NEXT_STACK = STACK
Channel 6 (Tframe)
is converted
Channel 5 is converted
Bottom position is at
highest Priority
Channel 3 is converted
Conv_ch5
Time
No Conv
Tframe is
Converted
Next Stack
Stack
Next Stack
Stack
Next Stack
Stack
GADG311020171225MT
Note:
The figure above shows an example of how the priority is managed through a stack in a six channels device.
VN9D5D20F
Diagnostic
DS12936 - Rev 10
page 47/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com