Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN9D5D20F Datasheet(PDF) 94 Page - STMicroelectronics

Part # VN9D5D20F
Description  4 channel high-side driver with 24-bit SPI interface for automotive applications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN9D5D20F Datasheet(HTML) 94 Page - STMicroelectronics

Back Button VN9D5D20F Datasheet HTML 88Page - STMicroelectronics VN9D5D20F Datasheet HTML 89Page - STMicroelectronics VN9D5D20F Datasheet HTML 90Page - STMicroelectronics VN9D5D20F Datasheet HTML 91Page - STMicroelectronics VN9D5D20F Datasheet HTML 92Page - STMicroelectronics VN9D5D20F Datasheet HTML 93Page - STMicroelectronics VN9D5D20F Datasheet HTML 94Page - STMicroelectronics VN9D5D20F Datasheet HTML 95Page - STMicroelectronics VN9D5D20F Datasheet HTML 96Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 94 / 96 page
background image
Table 53.
PWM unit ........................................................................ 67
Table 54.
Bulb - power section................................................................. 67
Table 55.
Bulb - switching (VCC = 13 V, normal switch mode)............................................ 67
Table 56.
Bulb - protection and diagnostic (7 < VCC < 18 V)............................................. 69
Table 57.
Bulb - Digital Current Sense (7 V < VCC < 18 V, channel 0,1, TJ = -40 °C to 150 °C) ..................... 69
Table 58.
Bulb - Digital Current Sense (7 V < VCC < 18 V, channel 2,3, TJ = -40 °C to 150 °C) ..................... 70
Table 59.
LED - power section ................................................................. 71
Table 60.
LED - switching (VCC = 13 V; Normal switch mode) ........................................... 71
Table 61.
LED - protection and diagnosis ......................................................... 72
Table 62.
LED - Digital Current Sense (7 V < VCC < 18 V, channel 0, 1; TJ = -40 °C to 150 °C) .................... 73
Table 63.
LED - Digital Current Sense (7 V < VCC < 18 V, channel 2, 3; TJ = -40 °C to 150 °C) .................... 73
Table 64.
ISO 7637-2 - electrical transient conduction along supply line .................................... 76
Table 65.
Component values .................................................................. 77
Table 66.
PCB properties .................................................................... 81
Table 67.
Thermal parameters ................................................................. 83
Table 68.
QFN 6x6 mechanical data............................................................. 85
Table 69.
QFN 6x6 tolerance of form and position ................................................... 85
Table 70.
QFN 6x6 variations ................................................................. 85
Table 71.
Reel dimensions ................................................................... 86
Table 72.
QFN 6x6 carrier tape dimensions ........................................................ 87
Table 73.
Document revision history ............................................................. 89
VN9D5D20F
List of tables
DS12936 - Rev 10
page 94/96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com