Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-X Datasheet(PDF) 23 Page - Greenlee Communications

Part # DST-SW-X
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-X Datasheet(HTML) 23 Page - Greenlee Communications

Back Button DST-SW-X Datasheet HTML 19Page - Greenlee Communications DST-SW-X Datasheet HTML 20Page - Greenlee Communications DST-SW-X Datasheet HTML 21Page - Greenlee Communications DST-SW-X Datasheet HTML 22Page - Greenlee Communications DST-SW-X Datasheet HTML 23Page - Greenlee Communications DST-SW-X Datasheet HTML 24Page - Greenlee Communications DST-SW-X Datasheet HTML 25Page - Greenlee Communications DST-SW-X Datasheet HTML 26Page - Greenlee Communications DST-SW-X Datasheet HTML 27Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
299
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
RPT-1
RPT-2
Filter Tone Probe
Replacement Plastic Tips for 200 Series Probes
Replacement Metal Tips for 200B and 200EP Probes
• By selectively filtering out 60Hz (or 50Hz) and its harmonics, the 200FP
can be used with any tone generator for faster, more accurate,
cable and wire identification
• Slim, comfortable design for use in limited-space areas
• Recessed on/off push-button control to conserve battery life
• Adjustable sensitivity/volume control to increase accuracy
• Blended carbon/plastic tip to reduce the risk of shorting terminals
• Patented
• Plastic tips perform much the same as traditional metal tips while
reducing the risk of shorting terminals
• Specially formulated with a carbon powder and carbon fiber
blended plastic
• Tips fit 200B, 200EP, 200GX, 200FP and 200XP probes
• RPT-1 comes with two pencil-style tips and two spade-style tips
• Metal tips provide maximum performance when probing insulated wires
or making direct metallic contact
• Made of nickel-plated brass
• Tips fit 200B and 200EP probes
• Package contains two pencil-style tips
Multi-Filter Tone Probe
• Single button selects between default mode and two kinds of
powerful noise filters
• Filtering means faster, more accurate pair tracing
• Digital signal processor for accuracy and sensitivity
• Durable, light weight
• Audible and visible signal detection
• Continuous, wide-range volume control
• Butt set terminals
• Field replaceable tip, spare tip included
• Uses a single 9V battery
• One probe for many applications
• Works with any tone generator
• The narrowband filter mode is especially well suited for 577Hz Telco tone
sources and a version is available for 1kHz systems (983Hz)
CAT. NO.
UPC NO.
DESCRIPTION
200FP
08672
Filter Tone Probe (60Hz mains)
200FP/50
60467
Filter Tone Probe (50Hz mains)
CAT. NO.
UPC NO.
DESCRIPTION
RPT-1
08711
Plastic Tips for 200B, 200EP, 200FP and 200XP
RPT-2
60561
Plastic Tips for 200GX
CAT. NO.
UPC NO.
DESCRIPTION
RMT-1
08709
Metal Tips for 200B and 200EP Probes
CAT. NO.
UPC NO.
DESCRIPTION
200XP
60887
Multi-Filter Tone Probe (60Hz mains, 577Hz narrowband)
200XP/50
60888
Multi-Filter Tone Probe (50Hz mains, 983Hz narrowband)
200XP
200FP
RMT-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com