Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-X Datasheet(PDF) 80 Page - Greenlee Communications

Part # DST-SW-X
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-X Datasheet(HTML) 80 Page - Greenlee Communications

Back Button DST-SW-X Datasheet HTML 76Page - Greenlee Communications DST-SW-X Datasheet HTML 77Page - Greenlee Communications DST-SW-X Datasheet HTML 78Page - Greenlee Communications DST-SW-X Datasheet HTML 79Page - Greenlee Communications DST-SW-X Datasheet HTML 80Page - Greenlee Communications DST-SW-X Datasheet HTML 81Page - Greenlee Communications DST-SW-X Datasheet HTML 82Page - Greenlee Communications DST-SW-X Datasheet HTML 83Page - Greenlee Communications DST-SW-X Datasheet HTML 84Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 108 page
background image
356
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
CAT. NO.
DESCRIPTION
WEIGHT
PA1119
PA2119
Combo UTP/Coax SureStrip®
Coax Blade Cassette
2.5 oz
—
PA2120
UTP Cut/Strip Blade
—
• Professional all-in-one cutter/stripper for coaxial and
twisted pair cables
• Cuts and strips multiple cable types:
– Coax: RG6, RG6 Quad and RG59
– Twisted Pair (UTP/STP): Cat6, Cat5e and Cat5
• Easy-to-use combination cutter/stripper
• Adjustable stripping blade for UTP/STP;
accommodates different insulation thicknesses
without damaging conductors
• Self-regulating cassette blade prevents nicks
• Coax blade cassette is removable to adjust stripping
depth of both blades with hex key included
(Note: Hex key stores securely in bottom of tool)
• Contoured finger grips for cutting power
Combo UTP/Coax SureStrip®
Data SureStrip®
• Small, compact tool that cuts and strips multiple cable types:
– 4-, 6- and 8- conductor flat satin cables
– 4-, 6- and 8- conductor UTP/STP data cables
– 25- vpair UTP/STP data and telephone cables
• Multi-conductor round bundled cables with a
maximum diameter of .5” (12.7 mm)
• 14-8 AWG (2.5-75mm2) wire
• Nylon reinforced ABS plastic with stainless steel blade
• Fully adjustable with simple thumb screw
• Self-regulating to prevent nicking
• Contoured finger grips for power cutting
CAT. NO.
DESCRIPTION
WEIGHT
PA1116
Data SureStrip®
2.5 oz
PA1119
PA1116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com