Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-DCOM Datasheet(PDF) 58 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 58 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 54Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 55Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 56Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 57Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 58Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 59Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 60Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 61Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 62Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
334
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
Connector Cleaning Systems
Adapter Cleaning Wands
• Special lint-free fabric-on-a-reel quickly cleans ferrule endfaces of dust,
oil and other contaminants
• Cleaning system is completely self-contained
• No need for alcohol
• A single cleaning reel can be used for over 400 ferrule cleanings
• ReelCleaner™ can be used on all connector types including
MTP and MT-RJ
• Specially-created, lint-free materials clean hard-to-reach fiber optic
interfaces, bulkhead adapters and ferrule alignment sleeves
CAT. NO.
UPC NO.
DESCRIPTION
948
60692
ReelCleaner™ Connector Cleaning System
948/2
10792
Reel Set, 2/Package
945/ESD/1
24053
Reel Set, 1/Package
CAT. NO.
UPC NO.
DESCRIPTION
946
60571
2.5 mm Cleaning Wands, 10/Package
946/K
60689
2.5 mm Cleaning Wands, 200/Box
947
60690
1.25 mm Cleaning Wands, 10/Package
947/K
60691
1.25 mm Cleaning Wands, 200/Box
948
946



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com