Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-DCOM Datasheet(PDF) 90 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 90 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 86Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 87Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 88Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 89Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 90Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 91Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 92Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 93Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 94Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 108 page
background image
366
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
PA9688
PA9689
PA9690
Cable TV Splitters
• Split analog and digital cable TV signals to 2 to 4 outlets
• HDTV compatible and works with cable modems
• 75 ohm impedence
• 5-1000 MHz bandwith
• “F”-style female ports
CAT. NO.
DESCRIPTION
PA9688
PA9689
PA9690
2-Way Cable TV Splitter
3-Way Cable TV Splitter
4-Way Cable TV Splitter
CAT. NO.
DESCRIPTION
PA9669
PA9670
PA9671
2-Way Satellite TV Splitter
3-Way Satellite TV Splitter
4-Way Satellite TV Splitter
CAT. NO.
DESCRIPTION
PA9673
Satellite Diplexer
CAT. NO.
DESCRIPTION
PA9672
In-Line Amplifier
Satellite TV Splitters
Satellite Diplexer
In-Line Amplifier
• Split satellite and digital signals to multiple outlets
• Compatible with most digital satellite brands, digital cable TV and HDTV.
• 75 ohm impedence
• 5-2400 MHz bandwith
• “F”-style female ports
• Combines signal from satellite dish and UHF/VHF antenna into single coax
cable output
• 5-860 MHz antenna and 950-2450 satellite power pass
• For RG6 or RG6 Quad
• An additional diplexer can be used to split signals again for connection to
satellite and antenna ports on receivers
• Diplexed signals can be distributed through an amplifier to send signal to
multiple outlets
• Boost signals to multiple outlets or on long cable runs
• Works with satellite dish or terrestrial antenna installations with over
50’ of cable
• Digital TV ready
• 20 dB gain
• DC 12-18V
• 950-2400 MHz maximum bandwidth
PA9669
PA9670
PA9671
PA9673
PA9672



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com