Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DST-SW-EM Datasheet(PDF) 29 Page - Greenlee Communications

Part # DST-SW-EM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-EM Datasheet(HTML) 29 Page - Greenlee Communications

Back Button DST-SW-EM Datasheet HTML 25Page - Greenlee Communications DST-SW-EM Datasheet HTML 26Page - Greenlee Communications DST-SW-EM Datasheet HTML 27Page - Greenlee Communications DST-SW-EM Datasheet HTML 28Page - Greenlee Communications DST-SW-EM Datasheet HTML 29Page - Greenlee Communications DST-SW-EM Datasheet HTML 30Page - Greenlee Communications DST-SW-EM Datasheet HTML 31Page - Greenlee Communications DST-SW-EM Datasheet HTML 32Page - Greenlee Communications DST-SW-EM Datasheet HTML 33Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
305
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
NETcat® Pro 2 NC-500
• Test and troubleshoot telephone, data and coax wiring
• NETcat Pro 2 Additional Features:
– Gigabit device capability detection (still detects 10baseT and 100baseT too)
– Cable type, velocity of propagation library, user editable
– Power over Ethernet (PoE) detection
– Memo pad
• Detect split pairs, short circuits, broken and crossed wires
• Step TDR technology shows length to open or short of all pairs
• Test shielded twisted-pair (STP), unshielded twisted-pair (UTP) & coaxial cables.
• Test patch cords and remote jacks
• Touch-screen control, included stylus slots into main unit
• Large icons ensure easy use with your finger too
• Large 3" (76mm) backlit high-contrast (user adjustable) monochrome display is
highly visible in dark or brightly lit areas
• Remote test and ID unit stores in base of main unit
• Can identify up to 8 remote test ID units (7 extra available in NC-510 accessory
kit along with carrying case)
• Tone generator with four selectable precision frequency tones, compatible with
Greenlee advanced digital signal processing probes
• Operates on single 9V battery with low battery indication
STRUCTURED WIRING TESTERS
SPECIFICATIONS
Dimensions
3.3" x 1.4" x 6.7" (8.5 cm x 3.5 cm x 17 cm)
Weight
0.45 lb. (200 g)
Power
Requirements
9V Alkaline battery (PP3)
User Interface
Display LCD
Viewing Area
Backlight
Buttons
Dot Pixels: 128 x 128 dots
60.0 x 58.4
White LED
LCD touch-screen, Single
momentary contact push button
Environmental Operating
Temperature
Storage
Temperature
0°C to 50°C
-20°C to 70°C
Interface
Connections
RJ45 shielded jacks
F-type threaded female coaxial connectors
TDR
Calibration
TDR Range
User selectable based on a known cable length.
40% to 100% in steps of 1%
0 to 2000 ft. -
Resolution
1 ft. (0.3 m)
Accuracy to
Open/Short
±4% or 2 ft. (0.6 m) whichever is greater
Remote
Identifier
2000 ft. (609.6 meters) maximum distance
Wiremap
358 ft (100 meters) maximum distance
NC-500
NC-510
(NC-500 not included)
NC-520
NC-500 Contents:
• NETcat Pro 2 main unit with stylus
• Removable remote jack and patch lead test and ID unit
• Twisted-pair (modular RJ45), coax (F) and
alligator clip test cords
• 9V alkaline battery
NC-510 NETcat Pro 2 Accessory Kit Contents:
• Seven additional remote jack test and ID units,
RJ45 and F (male)
• Carrying case to hold additional remote test ID units
and content of NC-500 main kit
NC-520:
• Netcat Pro 2 Main Unit With Stylus
• Removable Remote Jack And Patch Lead Test and
Id Unit
• Twisted-Pair (Modular Rj45), Coax (F) And Alligator ClipTest Cords
• Seven additional remote jack test and ID units, RJ45 and F (male)
• Carrying case to hold additional remote test ID units and content of NC-500 main kit
• 9V Alkaline Battery
CAT. NO.
UPC NO.
DESCRIPTION
NC-500
23639
NETcat Pro 2 Digital VDV Wiring Troubleshooter
NC-510
23640
NETcat Pro 2 Accessory Kit w/carry case
NC-520
05450
Netcat Pro 2 Main Unit With Stylus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com