Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA321 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA321
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA321 Datasheet(HTML) 4 Page - Texas Instruments

  INA321 Datasheet HTML 1Page - Texas Instruments INA321 Datasheet HTML 2Page - Texas Instruments INA321 Datasheet HTML 3Page - Texas Instruments INA321 Datasheet HTML 4Page - Texas Instruments INA321 Datasheet HTML 5Page - Texas Instruments INA321 Datasheet HTML 6Page - Texas Instruments INA321 Datasheet HTML 7Page - Texas Instruments INA321 Datasheet HTML 8Page - Texas Instruments INA321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS: VS = +2.7V to +5.5V (continued)
BOLDFACE limits apply over the specified temperature range, TA = −555C to +1255C.
At TA = +25°C, RL = 25kΩ, G = 25, and IA common = VS/2, unless otherwise noted.
INA321EA
INA2321EA
INA321E
PARAMETER
UNIT
MAX
TYP
MIN
MAX
TYP
MIN
CONDITIONS
FREQUENCY RESPONSE
Bandwidth, −3dB
BW
G = 5
500
∗
kHz
Slew Rate
SR
VS = 5V, G = 25
0.4
∗
V/
µs
Settling Time, 0.1%
tS
G = 5, CL = 50pF, VO = 2V step
8
∗
µs
0.01%
12
∗
µs
Overload Recovery
50% Input Overload G = 25
2
∗
µs
POWER SUPPLY
Specified Voltage Range
+2.7
+5.5
∗
∗
V
Operating Voltage Range
+2.5 to +5.5
∗
V
Quiescent Current
IQ
per Channel, VSD > 2.5(4)
40
60
∗
∗
µA
Over Temperature
70
*
µA
Shutdown Quiescent Current
ISD
per Channel, VSD > 0.8(4)
0.01
1
∗
∗
µA
TEMPERATURE RANGE
Specified Range
−55
+125
∗
∗
°C
Operating/Storage Range
−65
+150
∗
∗
°C
Thermal Resistance
qJA
MSOP-8, TSSOP-14
Surface-Mount
150
∗
°C/W
NOTE:
∗ Specification is same as INA321E.
(1) Does not include errors from external gain setting resistors.
(2) Output voltage swings are measured between the output and power-supply rails.
(3) See typical characteristic Percent Overshoot vs Load Capacitance.
(4) See typical characteristic Shutdown Voltage vs Supply Voltage.
(5) Output does not swing to positive rail if gain is less than 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com