Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA321 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA321
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA321 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA321 Datasheet HTML 9Page - Texas Instruments INA321 Datasheet HTML 10Page - Texas Instruments INA321 Datasheet HTML 11Page - Texas Instruments INA321 Datasheet HTML 12Page - Texas Instruments INA321 Datasheet HTML 13Page - Texas Instruments INA321 Datasheet HTML 14Page - Texas Instruments INA321 Datasheet HTML 15Page - Texas Instruments INA321 Datasheet HTML 16Page - Texas Instruments INA321 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
13
INPUT PROTECTION
Device inputs are protected by ESD diodes that will
conduct if the input voltages exceed the power supplies by
more than 500mV. Momentary voltages greater than
500mV beyond the power supply can be tolerated if the
current through the input pins is limited to 10mA. This is
easily accomplished with input resistor RLIM, as shown in
Figure 7. Many input signals are inherently current-limited
to less than 10mA; therefore, a limiting resistor is not
required.
R
LIM
R
LIM
I
OVERLOAD
10mA max
INA321
5
3
2
V
OUT
8
7
6
4
1
V+
Shutdown
RG
V
IN−
V
−
V
IN+
REF
Figure 7. Input Protection
OFFSET VOLTAGE ERROR CALCULATION
The offset voltage (VOS) of the INA321E is specified at a
maximum of 500
µV with a +5V power supply and the
common-mode voltage at VS/2. Additional specifications
for power-supply rejection and common-mode rejection
are provided to allow the user to easily calculate
worst-case expected offset under the conditions of a given
application.
Power-Supply Rejection Ratio (PSRR) is specified in
µV/V. For the INA321, worst-case PSRR is 200µV/V,
which means for each volt of change in power supply, the
offset may shift up to 200
µV. Common-Mode Rejection
Ratio (CMRR) is specified in dB, which can be converted
to
µV/V using the following equation:
CMRR (in
µV/V) = 10[(CMRR in dB)/—20] • 106
For the INA321, the worst-case CMRR over the specified
common-mode range is 90dB (at G = 25) or about 30
µV/V.
This means that for every volt of change in common-mode,
the offset will shift less than 30
µV.
These numbers can be used to calculate excursions from
the specified offset voltage under different application
conditions. For example, an application might configure
the amplifier with a 3.3V supply with 1V common-mode.
This configuration varies from the specified configuration,
representing a 1.7V variation in power supply (5V in the
offset specification versus 3.3V in the application) and a
0.65V variation in common-mode voltage from the
specified VS/2.
Calculation of the worst-case expected offset would be as
follows:
Adjusted VOS = Maximum specified VOS +
(power-supply variation)
• PSRR +
(common-mode variation)
• CMRR
VOS = 0.5mV + (1.7V • 200µV) + (0.65V • 30µV)
=
±0.860mV
However, the typical value will be smaller, as seen in the
Typical Characteristics.
FEEDBACK CAPACITOR IMPROVES RESPONSE
For
optimum
settling
time
and
stability
with
high-impedance feedback networks, it may be necessary
to add a feedback capacitor across the feedback resistor,
RF, as shown in Figure 8. This capacitor compensates for
the zero created by the feedback network impedance and
the INA321’s RG-pin input capacitance (and any parasitic
layout capacitance). The effect becomes more significant
with higher impedance networks. Also, RX and CL can be
added to reduce high-frequency noise.
INA321
V+
V
OUT
R
IN
R
IN • CIN =RF • CF
R
F
R
X
C
L
C
IN
Where C
IN is equal to the INA321 in put ca pacitance
(approximately 3pF) plus any parastic layout capacitance.
5
3
2
8
7
6
4
1
Shutdown
RG
V
IN−
V
−
V
IN+
REF
C
F
Figure 8. Feedback Capacitor Improves Dynamic
Performance
It is suggested that a variable capacitor be used for the
feedback capacitor since input capacitance may vary
between
instrumentation
amplifiers,
and
layout
capacitance is difficult to determine. For the circuit shown
in Figure 8, the value of the variable feedback capacitor
should be chosen by the following equation:
RIN • CIN = RF • CF
where CIN is equal to the INA321’s RG-pin input
capacitance (typically 3pF) plus the layout capacitance.
The capacitor can be varied until optimum performance is
obtained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com