Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151RD Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32L151RD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RD Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32L151RD Datasheet HTML 65Page - STMicroelectronics STM32L151RD Datasheet HTML 66Page - STMicroelectronics STM32L151RD Datasheet HTML 67Page - STMicroelectronics STM32L151RD Datasheet HTML 68Page - STMicroelectronics STM32L151RD Datasheet HTML 69Page - STMicroelectronics STM32L151RD Datasheet HTML 70Page - STMicroelectronics STM32L151RD Datasheet HTML 71Page - STMicroelectronics STM32L151RD Datasheet HTML 72Page - STMicroelectronics STM32L151RD Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 154 page
background image
DocID022027 Rev 11
69/154
STM32L151xD STM32L152xD
Electrical characteristics
129
Table 19. Current consumption in Sleep mode
Symbol
Parameter
Conditions
fHCLK
Typ
Max
(1)
Unit
IDD(SLEEP)
Supply current in
Sleep mode, code
executed from
RAM, Flash
switched OFF
fHSE = fHCLK up to 16 MHz,
included fHSE = fHCLK/2
above 16 MHz (PLL ON)(2)
Range3,
Vcore=1.2 V
VOS[1:0]=11
158
220
μA
296
300
4
170
380
Range2,
Vcore=1.5 V
VOS[1:0]=10
4
210
500
8
400
700
16
810
1100
Range1,
Vcore=1.8 V
VOS[1:0]=01
8
485
800
16
955
1250
32
2100
2700
HSI clock source (16 MHz)
Range2,
Vcore=1.5 V
VOS[1:0]=10
16
835
1100
Range1,
Vcore=1.8 V
VOS[1:0]=01
32
2100
2700
MSI clock, 65 kHZ
Range3,
Vcore=1.2 V
VOS[1:0]=11
0.065
18.5
72
MSI clock, 524 kHZ
0.524
37
92
MSI clock, 4.2 MHZ
4.2
180
273
Supply current in
Sleep mode, Flash
switched ON
fHSE = fHCLK up to 16 MHz,
included fHSE = fHCLK/2
above 16MHz (PLL ON)(2)
Range3,
Vcore=1.2 V
VOS[1:0]=11
175
250
2
115
300
4
200
380
Range2,
Vcore=1.5 V
VOS[1:0]=10
4
230
500
8
430
700
16
840
1120
Range1,
Vcore=1.8 V
VOS[1:0]=01
8
500
800
16
980
1300
32
2100
2700
HSI clock source (16 MHz)
Range2,
Vcore=1.5 V
VOS[1:0]=10
16
860
1160
Range1,
Vcore=1.8 V
VOS[1:0]=01
32
2150
2800
MSI clock, 65 kHZ
Range3,
Vcore=1.2 V
VOS[1:0]=11
0.065
33,5
90
MSI clock, 524 kHZ
0.524
53
110
MSI clock, 4.2 MHZ
4.2
200
290
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com