Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151RD Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32L151RD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RD Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32L151RD Datasheet HTML 80Page - STMicroelectronics STM32L151RD Datasheet HTML 81Page - STMicroelectronics STM32L151RD Datasheet HTML 82Page - STMicroelectronics STM32L151RD Datasheet HTML 83Page - STMicroelectronics STM32L151RD Datasheet HTML 84Page - STMicroelectronics STM32L151RD Datasheet HTML 85Page - STMicroelectronics STM32L151RD Datasheet HTML 86Page - STMicroelectronics STM32L151RD Datasheet HTML 87Page - STMicroelectronics STM32L151RD Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
84/154
DocID022027 Rev 11
6.3.7
Internal clock source characteristics
The parameters given in Table 30 are derived from tests performed under the conditions
summarized in Table 13.
High-speed internal (HSI) RC oscillator
Low-speed internal (LSI) RC oscillator
Table 30. HSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
VDD = 3.0 V
-
16
-
MHz
TRIM
(1)(2)
1. The trimming step differs depending on the trimming code. It is usually negative on the codes which are
multiples of 16 (0x00, 0x10, 0x20, 0x30...0xE0).
HSI user-trimmed
resolution
Trimming code is not a multiple of 16
-
± 0.4
0.7
%
Trimming code is a multiple of 16
-
-
± 1.5
%
ACCHSI(2)
2. Guaranteed by characterization results.
Accuracy of the
factory-calibrated
HSI oscillator
VDDA = 3.0 V, TA = 25 °C
-1(3)
3. Guaranteed by test in production.
-1(3)
%
VDDA = 3.0 V, TA = 0 to 55 °C
-1.5
-
1.5
%
VDDA = 3.0 V, TA = -10 to 70 °C
-2
-
2
%
VDDA = 3.0 V, TA = -10 to 85 °C
-2.5
-
2
%
VDDA = 3.0 V, TA = -10 to 105 °C
-4
-
2
%
VDDA = 1.65 V to 3.6 V
TA = -40 to 105 °C
-4
-
3
%
tSU(HSI)(2)
HSI oscillator
startup time
-
-
3.7
6
µs
IDD(HSI)(2)
HSI oscillator
power consumption
-
-
100
140
µA
Table 31. LSI oscillator characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fLSI(1)
1. Guaranteed by test in production.
LSI frequency
26
38
56
kHz
DLSI(2)
2. This is a deviation for an individual part, once the initial frequency has been measured.
LSI oscillator frequency drift
0°C
≤TA ≤ 105°C
-10
-
4
%
tsu(LSI)(3)
3. Guaranteed by design.
LSI oscillator startup time
-
-
200
µs
IDD(LSI)(3) LSI oscillator power consumption
-
400
510
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com