Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151RD Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32L151RD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RD Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32L151RD Datasheet HTML 101Page - STMicroelectronics STM32L151RD Datasheet HTML 102Page - STMicroelectronics STM32L151RD Datasheet HTML 103Page - STMicroelectronics STM32L151RD Datasheet HTML 104Page - STMicroelectronics STM32L151RD Datasheet HTML 105Page - STMicroelectronics STM32L151RD Datasheet HTML 106Page - STMicroelectronics STM32L151RD Datasheet HTML 107Page - STMicroelectronics STM32L151RD Datasheet HTML 108Page - STMicroelectronics STM32L151RD Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 154 page
background image
DocID022027 Rev 11
105/154
STM32L151xD STM32L152xD
Electrical characteristics
129
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to ±8 mA, and sink or
source up to ±20 mA with the non-standard VOL/VOH specifications given in Table 51.
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
IVDD(Σ) (see Table 11).
•
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run
consumption of the MCU sunk on VSS cannot exceed the absolute maximum rating
IVSS(Σ) (see Table 11).
Output voltage levels
Unless otherwise specified, the parameters given in Table 51 are derived from tests
performed under the conditions summarized in Table 13. All I/Os are CMOS and TTL
compliant.
Table 51. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(1)(2)
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 11
and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
2. Guaranteed by test in production.
Output low level voltage for an I/O pin
IIO = 8 mA
2.7 V < VDD < 3.6 V
-0.4
V
VOH(2)(3)
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in
Table 11 and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
VDD-0.4
-
VOL (3)(4) Output low level voltage for an I/O pin
IIO = 4 mA
1.65 V < VDD < 3.6 V
-0.45
VOH (3)(4) Output high level voltage for an I/O pin
VDD-0.45
-
VOL(1)(4)
4. Guaranteed by characterization results.
Output low level voltage for an I/O pin
IIO = 20 mA
2.7 V < VDD < 3.6 V
-1.3
VOH(3)(4) Output high level voltage for an I/O pin
VDD-1.3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com