Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151RD Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32L151RD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RD Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32L151RD Datasheet HTML 110Page - STMicroelectronics STM32L151RD Datasheet HTML 111Page - STMicroelectronics STM32L151RD Datasheet HTML 112Page - STMicroelectronics STM32L151RD Datasheet HTML 113Page - STMicroelectronics STM32L151RD Datasheet HTML 114Page - STMicroelectronics STM32L151RD Datasheet HTML 115Page - STMicroelectronics STM32L151RD Datasheet HTML 116Page - STMicroelectronics STM32L151RD Datasheet HTML 117Page - STMicroelectronics STM32L151RD Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
114/154
DocID022027 Rev 11
USB characteristics
The USB interface is USB-IF certified (full speed).
Figure 32. USB timings: definition of data signal rise and fall time
Table 58. USB startup time
Symbol
Parameter
Max
Unit
tSTARTUP(1)
1. Guaranteed by design.
USB transceiver startup time
1
µs
Table 59. USB DC electrical characteristics
Symbol
Parameter
Conditions
Min.(1)
1. All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input levels
VDD
USB operating voltage
-
3.0
3.6
V
VDI(2)
2. Guaranteed by characterization results.
Differential input sensitivity
I(USB_DP, USB_DM)
0.2
-
V
VCM(2)
Differential common mode range Includes VDI range
0.8
2.5
VSE(2)
Single ended receiver threshold
-
1.3
2.0
Output levels
VOL(3)
3. Guaranteed by test in production.
Static output level low
RL of 1.5 kΩ to 3.6 V(4)
4. RL is the load connected on the USB drivers.
-0.3
V
VOH(3)
Static output level high
RL of 15 kΩ to VSS(4)
2.8
3.6
Table 60. USB: full speed electrical characteristics
Driver characteristics(1)
Symbol
Parameter
Conditions
Min
Max
Unit
tr
Rise time(2)
CL = 50 pF
420
ns
tf
Fall Time(2)
CL = 50 pF
4
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com