Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151RDT7 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32L151RDT7
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RDT7 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32L151RDT7 Datasheet HTML 74Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 75Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 76Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 77Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 78Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 79Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 80Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 81Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
78/154
DocID022027 Rev 11
6.3.6
External clock source characteristics
High-speed external user clock generated from an external source
In bypass mode the HSE oscillator is switched off and the input pin is a standard GPIO.The
external clock signal has to respect the I/O characteristics in Section 6.3.13. However, the
recommended clock input waveform is shown in Figure 14.
Table 25. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ
Max(1)
1. Guaranteed by characterization, unless otherwise specified
Unit
tWUSLEEP
Wakeup from Sleep mode
fHCLK = 32 MHz
0.4
-
µs
tWUSLEEP_LP
Wakeup from Low-power sleep
mode, fHCLK = 262 kHz
fHCLK = 262 kHz
Flash enabled
46
-
fHCLK = 262 kHz
Flash switched OFF
46
-
tWUSTOP
Wakeup from Stop mode,
regulator in Run mode
ULP bit = 1 and FWU bit = 1
fHCLK = fMSI = 4.2 MHz
8.2
-
Wakeup from Stop mode,
regulator in low-power mode
ULP bit = 1 and FWU bit = 1
fHCLK = fMSI = 4.2 MHz
Voltage range 1 and 2
7.7
8.9
fHCLK = fMSI = 4.2 MHz
Voltage range 3
8.2
13.1
fHCLK = fMSI = 2.1 MHz
10.2
13.4
fHCLK = fMSI = 1.05 MHz
16
20
fHCLK = fMSI = 524 kHz
31
37
fHCLK = fMSI = 262 kHz
57
66
fHCLK = fMSI = 131 kHz
112
123
fHCLK = MSI = 65 kHz
221
236
tWUSTDBY
Wakeup from Standby mode
ULP bit = 1 and FWU bit = 1
fHCLK = MSI = 2.1 MHz
58
104
Wakeup from Standby mode
FWU bit = 0
fHCLK = MSI = 2.1 MHz
2.6
3.25
ms
Table 26. High-speed external user clock characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSE_ext
User external clock source
frequency
CSS is on or
PLL is used
18
32
MHz
CSS is off, PLL
not used
08
32
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com