Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L151RDT7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L151RDT7
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RDT7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L151RDT7 Datasheet HTML 7Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 8Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 9Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 10Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 11Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 12Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 13Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 14Page - STMicroelectronics STM32L151RDT7 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 154 page
background image
DocID022027 Rev 11
11/154
STM32L151xD STM32L152xD
Description
57
2
Description
The ultra-low-power STM32L151xD and STM32L152xD devices incorporate the
connectivity power of the universal serial bus (USB) with the high-performance ARM®
Cortex®-M3 32-bit RISC core operating at a frequency of 32 MHz (33.3 DMIPS), a memory
protection unit (MPU), high-speed embedded memories (Flash memory up to 384 Kbytes
and RAM up to 48 Kbytes), a flexible static memory controller (FSMC) interface (for devices
with packages of 100 pins and more) and an extensive range of enhanced I/Os and
peripherals connected to two APB buses.
The STM32L151xD and STM32L152xD devices offer three operational amplifiers, one 12-
bit ADC, two DACs, two ultra-low-power comparators, one general-purpose 32-bit timer, six
general-purpose 16-bit timers and two basic timers, which can be used as time bases.
Moreover, the STM32L151xD and STM32L152xD devices contain standard and advanced
communication interfaces: up to two I2Cs, three SPIs, two I2S, one SDIO, three USARTs,
two UARTs, and an USB. The STM32L151xD and STM32L152xD devices offer up to
34 capacitive sensing channels to simply add a touch sensing functionality to any
application.
They also include a real-time clock and a set of backup registers that remain powered in
Standby mode.
Finally, the integrated LCD controller (except STM32L151xD devices) has a built-in LCD
voltage generator that allows to drive up to 8 multiplexed LCDs with the contrast
independent of the supply voltage.
The ultra-low-power STM32L151xD and STM32L152xD devices operate from a 1.8 to 3.6 V
power supply (down to 1.65 V at power down) with BOR and from a 1.65 to 3.6 V power
supply without BOR option. They are available in the -40 to +85 °C and -40 to +105 °C
temperature ranges. A comprehensive set of power-saving modes allows the design of low-
power applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com