Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7420D Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO7420D
Description  ISO742x Low-Power Dual-Channel Digital Isolators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7420D Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO7420D Datasheet HTML 12Page - Texas Instruments ISO7420D Datasheet HTML 13Page - Texas Instruments ISO7420D Datasheet HTML 14Page - Texas Instruments ISO7420D Datasheet HTML 15Page - Texas Instruments ISO7420D Datasheet HTML 16Page - Texas Instruments ISO7420D Datasheet HTML 17Page - Texas Instruments ISO7420D Datasheet HTML 18Page - Texas Instruments ISO7420D Datasheet HTML 19Page - Texas Instruments ISO7420D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Case Temperature − C
°
0
20
40
60
80
100
120
140
160
180
0
50
100
150
200
G002
VCC1, VCC2 at 3.45 V
VCC1, VCC2 at 5.25 V
ISO7420, ISO7420M, ISO7421
SLLS984I – JUNE 2009 – REVISED JULY 2015
www.ti.com
SPACER
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance.
Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to
help increase these specifications.
8.3.3 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA = 212°C/W, VI = 5.25 V, TJ = 150°C, TA = 25°C
112
Safety input, output, or supply
IS
mA
current
θJA = 212°C/W, VI = 3.45 V, TJ = 150°C, TA = 25°C
171
TS
Maximum safety temperature
150
°C
The safety-limiting constraint is the absolute-maximum junction temperature specified in the Absolute Maximum
Ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed in the JESD51-3, Low-Effective-Thermal-Conductivity Test
Board for Leaded Surface-Mount Packages and is conservative. The power is the recommended maximum input
voltage times the current. The junction temperature is then the ambient temperature plus the power times the
junction-to-air thermal resistance.
Figure 10.
θJC Thermal Derating Curve per VDE
16
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ISO7420 ISO7420M ISO7421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com