Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7420D Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7420D
Description  ISO742x Low-Power Dual-Channel Digital Isolators
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7420D Datasheet(HTML) 2 Page - Texas Instruments

  ISO7420D Datasheet HTML 1Page - Texas Instruments ISO7420D Datasheet HTML 2Page - Texas Instruments ISO7420D Datasheet HTML 3Page - Texas Instruments ISO7420D Datasheet HTML 4Page - Texas Instruments ISO7420D Datasheet HTML 5Page - Texas Instruments ISO7420D Datasheet HTML 6Page - Texas Instruments ISO7420D Datasheet HTML 7Page - Texas Instruments ISO7420D Datasheet HTML 8Page - Texas Instruments ISO7420D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
ISO7420, ISO7420M, ISO7421
SLLS984I – JUNE 2009 – REVISED JULY 2015
www.ti.com
Table of Contents
±5% .......................................................................... 11
1
Features .................................................................. 1
6.14
Typical Characteristics .......................................... 12
2
Applications ........................................................... 1
7
Parameter Measurement Information ................ 13
3
Description ............................................................. 1
8
Detailed Description ............................................ 14
4
Revision History..................................................... 2
8.1
Overview ................................................................. 14
5
Pin Configuration and Functions ......................... 6
8.2
Functional Block Diagram ....................................... 14
6
Specifications......................................................... 7
8.3
Feature Description................................................. 15
6.1
Absolute Maximum Ratings ..................................... 7
8.4
Device Functional Modes........................................ 17
6.2
ESD Ratings.............................................................. 7
9
Application and Implementation ........................ 18
6.3
Recommended Operating Conditions ....................... 7
9.1
Application Information............................................ 18
6.4
Thermal Information .................................................. 8
9.2
Typical Application ................................................. 18
6.5
Electrical Characteristics: VCC1 and VCC2 at 5 V
±5% ............................................................................ 8
10
Power Supply Recommendations ..................... 20
6.6
Electrical Characteristics: VCC1 at 5 V ±5%, VCC2 at
11
Layout................................................................... 20
3.3 V ±5% .................................................................. 9
11.1
Layout Guidelines ................................................. 20
6.7
Electrical Characteristics: VCC1 at 3.3 V ±5%, VCC2 at
11.2
Layout Example .................................................... 20
5 V ±5% ..................................................................... 9
12
Device and Documentation Support ................. 21
6.8
Electrical Characteristics: VCC1 and VCC2 at 3.3 V
12.1
Documentation Support ........................................ 21
±5% .......................................................................... 10
12.2
Related Links ........................................................ 21
6.9
Power Dissipation Characteristics .......................... 10
12.3
Community Resources.......................................... 21
6.10
Switching Characteristics: VCC1 and VCC2 at 5 V
12.4
Trademarks ........................................................... 21
±5% .......................................................................... 10
12.5
Electrostatic Discharge Caution ............................ 21
6.11
Switching Characteristics: VCC1 at 5 V ±5%, VCC2 at
3.3 V ±5% ................................................................ 10
12.6
Glossary ................................................................ 21
6.12
Switching Characteristics: VCC1 at 3.3 V ±5%, VCC2
13
Mechanical, Packaging, and Orderable
at 5 V ±5% ............................................................... 11
Information ........................................................... 21
6.13
Switching Characteristics: VCC1 and VCC2 at 3.3 V
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (May 2013) to Revision I
Page
•
VDE standard changed to DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 ...................................................................... 1
•
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision G (May 2013) to Revision H
Page
•
Changed Feature From: 4~242 Vpeak Isolation To: 4242 Vpeak Isolation ........................................................................... 1
Changes from Revision F (January 2013) to Revision G
Page
•
Changed VIORM in the INSULATION CHARACTERISTICS table, Specification value From: 56~6 To: 566........................ 15
•
Changed VPR in the Specification value From: 10~62 To: 1062 .......................................................................................... 15
•
Changed VIOTM t = 60 s (qualification) Specification value From: 4~242 To: 4242 .............................................................. 15
Changes from Revision E (June 2011) to Revision F
Page
•
Changed Feature From: 242 Vpeak Maximum Isolation-per DIN EN 60747-5-2 (VDE 0884 Part 2) - To: 4~242
Vpeak Isolation ....................................................................................................................................................................... 1
•
Changed Feature From: IEC/VDE and CSA Approvals, IEC 60950-1–IEC 61010-1 End Equipment Standards
Approvals, All Approvals Pending To: CSA 60950-1 and IEC 61010-1 Approved ................................................................ 1
2
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ISO7420 ISO7420M ISO7421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com