Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTS1-10B Datasheet(PDF) 18 Page - ABB

Part # MTS1-10B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MTS1-10B Datasheet(HTML) 18 Page - ABB

Back Button MTS1-10B Datasheet HTML 14Page - ABB MTS1-10B Datasheet HTML 15Page - ABB MTS1-10B Datasheet HTML 16Page - ABB MTS1-10B Datasheet HTML 17Page - ABB MTS1-10B Datasheet HTML 18Page - ABB MTS1-10B Datasheet HTML 19Page - ABB MTS1-10B Datasheet HTML 20Page - ABB MTS1-10B Datasheet HTML 21Page - ABB MTS1-10B Datasheet HTML 22Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18 | 1SFC151006C0201 | Pilot devices core offering catalog
Compact range
Introduction
The compact range is our most efficient solution reducing both installation time and
cost thanks to the all-in-one design. It is perfect for tough environment thanks to the
market leading level of dust and water resistance.
– IP66, IP67 and IP69K / Type 1, 3R, 4, 4X, 12, 13
– Wiping action to keep good connectivity even in tough
environments
– All-in-one design for fast and easy installation
– Compact size with only 42 mm (1.65 in) depth
High
reliability
Easy to
install



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com