Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTS1-10B Datasheet(PDF) 23 Page - ABB

Part # MTS1-10B
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

MTS1-10B Datasheet(HTML) 23 Page - ABB

Back Button MTS1-10B Datasheet HTML 16Page - ABB MTS1-10B Datasheet HTML 17Page - ABB MTS1-10B Datasheet HTML 18Page - ABB MTS1-10B Datasheet HTML 19Page - ABB MTS1-10B Datasheet HTML 20Page - ABB MTS1-10B Datasheet HTML 21Page - ABB MTS1-10B Datasheet HTML 22Page - ABB MTS1-10B Datasheet HTML 23Page - ABB MTS1-10B Datasheet HTML 24Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Pilot devices core offering catalog | 1SFC151006C0201 | 23
Material
No ozone depleting substances in the products.
All front of panel plastic components are made of polycarbonate
PC polycarbonate
High impact strength, good outdoor resis-tance.
Chemical resistance (see table below)
PSU polysulphone
Can withstand high temperatures, acids, basic
solutions, alkaline compounds, oils, alcohols
PA polyamide
Can withstand high temperatures, aliphatic, aromatic
and chlorinated hydrocarbons, esters,
ketone-aldehydes, alcohols and basic solutions
PBT
Can withstand high temperature, aliphatic and aromatic
hydrocarbons, acids, basic solutions, alcohols, grease
and oils
Zinc
Good corrosion resistance in inland-, sea and industrial
atmosphere
Light-alloy
Good corrosion resistance in inland-, sea and industrial
atmosphere
Chemical resistance for polycarbonate
Chemical class
Effects
Acids
No significant effect under most typical conditions of
concentration and temperature
Alcohols and alkalis
Generally compatible at low concentration and room
temperature. Higher concentrations and elevated
temperatures can result in etching and attack
evidenced by decomposition
Aliphatic hydrocarbons
Generally compatible
Amines
Surface crystallization and chemical attack. Avoid
Aromatic hydrocarbons
Partial solvents and severe stress cracking agents (i.e.,
xylene, toulene). Avoid
Detergents and cleaners
Mild soap solutions are generally compatible. Strong
alkaline materials should be avoided
Esters
Cause severe crystallization. Partial solvents. Avoid
Greases and oils
Pure petroleum types generally compatible. Many
additives used with them are not
Halogenated, hydrocarbons
Solvents. Avoid.
Ketones
Cause severe crystallization and stress cracking. Partial
solvents. Avoid
Silicone oil and greases
Generally compatible up to 85 oC
Note: Specified degree of protection is for operator mounted on panel. If other items
are mounted in between, please make sure that they are correctly sealed.
Compact range
Technical data
Standards and Approvals
IEC / EN 60947-1
Low Voltage switchgear and controlgear
- Part 1: General rules
IEC / EN 60947-5-1
Low Voltage switchgear and controlgear - Part 5-1: Control
circuit devices and switching elements - Electromechanical
control circuit devices
IEC / EN 60947-5-5
Low Voltage switchgear and controlgear - Part 5-5: Control
circuit devices and switching elements - Electrical emergency
stop device with mechanical latching function
IEC / EN 60073
Basic and safety principles for man-machine interface, marking
and identification, coding principles for indicators and actuators
IEC / EN 60529
Degrees of protection provided by enclosures (IP code)
EN 50013
Low Voltage switchgear and controlgear for industrial use,
terminal marking and distinctive number for particular control
switches
DIN 40050-9
Road vehicles; degrees of protection (IP-code); protection
against foreign objects; water and contact; electrical equipment
UL 508
Industrial control equipment
CSA C22.2 No 14
Industrial control equipment
Environmental data
Degrees of protection
Pilot device:
IEC/EN DIN
UL/CSA
Pushbuttons
IP66, IP67 and IP69K
Type 1, 3R, 4, 4X, 12, 13
Selector switches
IP66, IP67 and IP69K
Type 1, 3R, 4, 4X, 12, 13
Buzzer
IP66, IP67 and IP69K
Type 1, 3R, 4, 4X, 12, 13
Heavy duty
IP66, IP67 and IP69K
Type 1, 3R, 4, 4X, 12, 13
Pilot lights
IP66, IP67 and IP69K
Type 1, 3R, 4, 4X, 12, 13
Emergency stops
IP66, IP67 and IP69K
Type 1, 3R, 4, 4X, 12, 13
Terminals
IP20
Temperature
Ambient temperature during operation
-25 to +70 °C
Storage temperature
-40 to +85 °C
Technical data
Cable connections
Operator
Cable terminal
Pushbutton
Selector switch
Emergency stop
Plus-minus Pozidriv No. 2
Connectable area:
min. 1 x 0.5 mm2 / 1 x AWG22
max. 2 x 1.5 mm2 / 2 x AWG14
Pilot light
Connectable area:
min. 1 x 0.5 mm2 / 1 x AWG20
max. 2 x 2.5 mm2 / 2 x AWG14
Tightening torque
Operators locking nut
Min. 2 Nm / Max. 2.3 Nm
Cable terminals M3
0.8 Nm
Cable terminals M3.5
0.9 Nm
Short circuit protection
Max. fuse at 1 kA
gG 10A
Mechanical life
Pushbuttons, selector
switches, heavy duty
500 000 operations
Emergency stop
pushbutton
50 000 operations
LED
Service life
≥ 50 000 h, operating at 25°C, 40~70%rh
Voltage tolerance
-30 to +10 % voltage is acceptable without affecting the service
life
Make-and-break contacts
Pushbutton
Emergency stop pushbutton
Electrical data
Contacts
Ratings as per IEC 60947-5-1
Rated insulation voltage, U
i
300 V
Rated thermal current, I
th
5 A
Rated operational current, I
e
Utilization category AC-15
at: 240 V
1 A
Rated operational current, I
e
Utilization category DC-13,
at: 24 V
at: 125 V
0.3 A
0.2 A
Ratings as per UL, CSA, NEMA
C300 AC R300 DC
Rated insulation voltage
250 V
250 V
Rated thermal current
2.5 A
1 A
Rated operational current
at: 120 V
at: 125 V
at: 240 V
at: 250 V
1.5 A
0.75 A
0.22 A
0.11 A
Short circuit protection
Max. fuse at 1 kA
gG 10A
Buzzer
Short circuit protection
Max. fuse at 1 kA
gG 10A
Ratings as per IEC 60947-5-1
Rated insulation voltage, Ui
300 v
Rated impulse withstand voltage uimp
4kV
Rated frequency
50-60 Hz
Sound level db
≥90 db / 10 cm
Product service life
>5000 hours
NC
NO
= Closed contact
-1
-2
-3
-4
NC
NO
-1
-2
-3
-4
Modular pushbutton
Compact pushbutton
Compact emergency stop pushbutton
Make-and-break contact
= Closed contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com