Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH2SP30-E Datasheet(PDF) 15 Page - STMicroelectronics

Part # VNH2SP30-E
Description  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 11Page - STMicroelectronics VNH2SP30-E Datasheet HTML 12Page - STMicroelectronics VNH2SP30-E Datasheet HTML 13Page - STMicroelectronics VNH2SP30-E Datasheet HTML 14Page - STMicroelectronics VNH2SP30-E Datasheet HTML 15Page - STMicroelectronics VNH2SP30-E Datasheet HTML 16Page - STMicroelectronics VNH2SP30-E Datasheet HTML 17Page - STMicroelectronics VNH2SP30-E Datasheet HTML 18Page - STMicroelectronics VNH2SP30-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
DocID10832 Rev 10
15/35
VNH2SP30-E
Electrical specifications
34
Note:
The saturation detection on the low side power MOSFET is possible only if the impedance
of the short-circuit from the output to the battery is less than 100 mΩ when the device is
supplied with a battery voltage of 13.5 V.
Table 12. Truth table in normal operating conditions
INA INB DIAGA/ENA DIAGB/ENB OUTA OUTB
CS
Operating mode
1
1
11
H
H
High Imp.
Brake to VCC
0L
ISENSE = IOUT/K
Clockwise (CW)
0
1
L
H
Counterclockwise (CCW)
0
L
High imp.
Brake to GND
Table 13. Truth table in fault conditions (detected on OUTA)
INA
INB
DIAGA/ENA
DIAGB/ENB
OUTA
OUTB
CS
1
1
0
1
OPEN
H
High Imp.
0L
0
1H
IOUTB/K
0L
High Imp.
X
X
0
OPEN
1
1
HIOUTB/K
0
L
High Imp.
Fault Information
Protection Action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com