Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH3ASP30TR-E Datasheet(PDF) 19 Page - STMicroelectronics

Part # VNH3ASP30TR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH3ASP30TR-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VNH3ASP30TR-E Datasheet HTML 15Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 16Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 17Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 18Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 19Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 20Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 21Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 22Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
DocID10833 Rev 7
19/34
VNH3ASP30-E
Electrical specifications
34
Figure 26. On state high-side resistance vs
Tcase
Figure 27. On state low-side resistance vs Tcase
VCC = 13V
IOUT = 12A
0
10
20
30
40
50
60
70
80
-50
-25
0
25
50
75
100 125 150 175
Tc (°C)
RONHS (mOhm)
VCC = 13V
IOUT = 12A
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100 125 150 175
Tc (°C)
RONLS (mOhm)
Figure 28. On state high-side resistance vs VCC Figure 29. On state low-side resistance vs VCC
0
10
20
30
40
50
60
70
80
8
9
10 11 12 13 14 15 16 17 18 19 20
VCC (V)
Tc = 25°C
Tc = -40°C
RONHS (mOhm)
Tc = 150°C
ILOAD = 12A
0
5
10
15
20
25
30
35
40
8
9
10 11 12 13 14 15 16 17 18 19 20
VCC (V)
Tc = 25°C
Tc = -40°C
RONHS (mOhm)
Tc = 150°C
ILOAD = 12A
Figure 30. Output voltage rise time
Figure 31. Output voltage fall time
VCC = 13V
RL = 1ohm
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100 125 150 175
Tc (°C)
tR (µs)
VCC = 13V
RL = 1ohm
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100 125 150 175
Tc (°C)
tF (µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com