Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNH3ASP30TR-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNH3ASP30TR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH3ASP30TR-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNH3ASP30TR-E Datasheet HTML 17Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 18Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 19Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 20Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 21Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 22Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 23Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 24Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
DocID10833 Rev 7
21/34
VNH3ASP30-E
Application information
34
3.1
Reverse battery protection
Three possible solutions can be considered:
a Schottky diode D connected to VCC pin
an N-channel MOSFET connected to the GND pin (see Figure 32: Typical application circuit
for DC to 20 kHz PWM operation short circuit protection on page 20)
a P-channel MOSFET connected to the VCC pin
The device sustains no more than -30 A in reverse battery conditions because of the two
body diodes of the power MOSFETs. Additionally, in reverse battery condition the I/Os of
Root part number 1 are pulled down to the VCC line (approximately -1.5 V). A series resistor
must be inserted to limit the current sunk from the microcontroller I/Os. If IRmax is the
maximum target reverse current through µC I/Os, the series resistor is:
Figure 33. Half-bridge configuration
Note:
The VNH3ASP30-E can be used as a high power half-bridge driver achieving an On
resistance per leg of 21 m
.
R
VIOs VCC
–
IRmax
---------------------------------
=
M
OUTA
OUTA
OUTB
OUTB
VCC
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB
GNDB
GNDA
GNDB
GNDA
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com